Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9173B-15CS08LF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 9173B-15CS08LF
Description  VIDEO GENLOCK PLL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

9173B-15CS08LF Datasheet(HTML) 7 Page - Integrated Device Technology

  9173B-15CS08LF Datasheet HTML 1Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 2Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 3Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 4Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 5Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 6Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 7Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 8Page - Integrated Device Technology 9173B-15CS08LF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT9173B
VIDEO GENLOCK PLL
CLOCK SYNTHESIZER
IDT™ VIDEO GENLOCK PLL
7
IDT9173B
REV A 092308
Package Outline and Package Dimensions (8-pin SOIC, 150 Mil. Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
Parts ordered with a "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
9173B-01CS08LF
TBD
Tubes
8-pin SOIC
0 to +70
° C
9173B-01CS08LFT
Tape and Reel
8-pin SOIC
0 to +70
° C
9173B-15CS08LF
Tubes
8-pin SOIC
0 to +70
° C
9173B-15CS08LFT
Tape and Reel
8-pin SOIC
0 to +70
° C
INDEX
AREA
1 2
8
D
E
SEATING
PLANE
A1
A
e
- C -
B
.10 (.004)
C
C
L
H
h x 45
Millimeters
Inches
Symbol
Min
Max
Min
Max
A
1.35
1.75
.0532
.0688
A1
0.10
0.25
.0040
.0098
B
0.330.51
.013.020
C
0.19
0.25
.0075
.0098
D
4.80
5.00
.1890
.1968
E
3.80
4.00
.1497
.1574
e
1.27 BASIC
0.050 BASIC
H
5.80
6.20
.2284
.2440
h
0.250.50
.010.020
L
0.401.27
.016.050
α
0
°
8
°
0
°
8
°


Similar Part No. - 9173B-15CS08LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9173B-15CS08LF RENESAS-9173B-15CS08LF Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
9173B-15CS08LFT RENESAS-9173B-15CS08LFT Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
More results

Similar Description - 9173B-15CS08LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9173-01 ICST-AV9173-01 Datasheet
148Kb / 6P
   Video Genlock PLL
MK9173-01 ICST-MK9173-01 Datasheet
163Kb / 7P
   Video Genlock PLL
AV9173-15 ICST-AV9173-15 Datasheet
148Kb / 6P
   Video Genlock PLL
logo
Renesas Technology Corp
ICS9173B RENESAS-ICS9173B Datasheet
361Kb / 10P
   VIDEO GENLOCK PLL
012913
logo
Integrated Device Techn...
AV9173-15 IDT-AV9173-15 Datasheet
151Kb / 6P
   Video Genlock PLL
logo
Integrated Circuit Syst...
ICS9173-01 ICST-ICS9173-01 Datasheet
122Kb / 7P
   Video Genlock PLL
logo
Integrated Device Techn...
ICS9173B IDT-ICS9173B Datasheet
309Kb / 9P
   VIDEO GENLOCK PLL
logo
NXP Semiconductors
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
logo
National Semiconductor ...
LMH1982 NSC-LMH1982 Datasheet
504Kb / 28P
   Multi-Rate Video Clock Generator with Genlock
logo
Texas Instruments
LMH1982SQ-NOPB TI1-LMH1982SQ-NOPB Datasheet
1Mb / 43P
[Old version datasheet]   Multi-Rate Video Clock Generator with Genlock
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com