Electronic Components Datasheet Search |
|
9173B-15CS08LFT Datasheet(PDF) 5 Page - Integrated Device Technology |
|
9173B-15CS08LFT Datasheet(HTML) 5 Page - Integrated Device Technology |
5 / 9 page IDT9173B VIDEO GENLOCK PLL CLOCK SYNTHESIZER IDT™ VIDEO GENLOCK PLL 5 IDT9173B REV A 092308 DC Electrical Characteristics Unless stated otherwise, VDD = 5 V ±5%, Ambient Temperature 0 to +70 ° C Notes: 1. Duty cycle measured at 1.4 V. 2. Input Reference Frequency = 25 kHz, Output Frequency = 25 MHz. Jitter measured between adjacent vertical pixels. 3. CLK1 frequency applies for FS = 0. For FS = 1 condition, divide allowable CLK1 range by the factor of 4. AC Electrical Characteristics Unless stated otherwise, VDD = 5 V ±5%, Ambient Temperature 0 to +70 ° C Parameter Symbol Conditions Min. Typ. Max. Units Operating Supply Current IDD No load,50 MHz 20 50 mA Input Low Voltage VIH VDD = 5 V 0.8 V Input High Voltage VIL VDD = 5 V 2.0 V Input Low Current IIL VIN = 0V -5 µA Input High Current IIH VIN = VDD -5 5 µA Output Low Voltage VOL IOL = 8 mA 0.4 V Output High Voltage 1 VOH1 IOH = -1 mA VDD-0.4 V Output High Voltage 1 VOH2 IOH = -4 mA VDD-0.8 V Output High Voltage 1 VOH3 IOH = -8 mA 2.4 V Parameter Symbol Conditions Min. Typ. Max. Units Output Clock Rise Time 1 ICLKr 10 ns Output Clock Fall Time 1 ICLKf 10 ns Output Rise Time 1 tr1 15 pF load, 20% to 80% 0.6 1.5 ns Output Rise Time 1 tr2 15 pF load, 20% to 80% 1.4 3.0 ns Output Fall Time 1 tf1 15 pF load, 80% to 20% 0.8 2.0 ns Output Fall Time 1 tf2 15 pF load, 80% to 20% 0.8 2.0 ns Output Duty Cycle 1 15 pF load 40 47 55 % One-Sigma Jitter 1, 5 T1S1 CLK1 frequency 3, 25 MHz 120 250 ps Jitter, Absolute 1, 5 TABS1 CLK1 frequency 3, 25 MHz -400 ±250 400 ps One-Sigma Jitter 1, 5 T1S2 CLK1 frequency < 25 MHz 1 % Jitter, Absolute 1, 5 TABS2 CLK1 frequency < 25 MHz 2 % Line-to-Line Jitter 1, Absolute 2 TLABS ±4 ns Input Frequency 1, IN or FBIN fIN see allowable fi below 12 1000 kHz |
Similar Part No. - 9173B-15CS08LFT |
|
Similar Description - 9173B-15CS08LFT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |