Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC485MS8G Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC485MS8G
Description  HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC485MS8G Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC485MS8G_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 6Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 7Page - Hittite Microwave Corporation HMC485MS8G_08 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
9
9 - 296
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
nLO
mRF
0
1
2
3
4
0
xx
-1.
19
15
15
140
30
25
44
254
69
39
56
55
375
82
83
74
72
478
82
83
83
82
RF Freq = 1.9 GHz @ 0 dBm
LO Freq = 1.7 GHz @ 0 dBm
All values in dBc Relative to the IF power level.
nLO Spur at RF Port
LO Freq GHz
1
2
3
4
1.5
19
15
35
24
1.6
17
15
33
24
1.7
14
14
29
23
1.8
10
15
25
24
1.9
8
20
22
23
26
20
22
24
LO power = 0 dBm
All values in dBc below input LO level measured at RF port.
MxN Spurious Outputs
Harmonics of LO
HMC485MS8G / 485MS8GE
HIGH IP3 GaAs MMIC MIXER with
INTEGRATED LO AMPLIFIER, 1.7 - 2.4 GHz
v03.0507


Similar Part No. - HMC485MS8G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
More results

Similar Description - HMC485MS8G_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC485MS8G HITTITE-HMC485MS8G Datasheet
260Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 1.7 - 2.2 GHz
HMC483MS8G HITTITE-HMC483MS8G_10 Datasheet
239Kb / 6P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.5 GHz
HMC483MS8G HITTITE-HMC483MS8G Datasheet
347Kb / 8P
   HIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER, 0.7 - 1.4 GHz
HMC215LP4 HITTITE-HMC215LP4 Datasheet
254Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 4.0 GHz
HMC352MS8 HITTITE-HMC352MS8_01 Datasheet
242Kb / 8P
   GaAs MMIC MIXER w/ INTEGRATED LO AMPLIFIER, 1.7 - 2.5 GHz
HMC400MS8 HITTITE-HMC400MS8 Datasheet
223Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_08 Datasheet
233Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
HMC400MS8 HITTITE-HMC400MS8_06 Datasheet
332Kb / 8P
   HIGH IP3 GaAs MMIC MIXER, 1.7 - 2.2 GHz
logo
WJ Communication. Inc.
ML401 WJCI-ML401 Datasheet
301Kb / 4P
   1.7-2.2 GHz High IP3 Mixer with Integrated LO Amp
logo
Hittite Microwave Corpo...
HMC214MS8 HITTITE-HMC214MS8_09 Datasheet
199Kb / 6P
   HIGH IP3 GaAs MMIC MIXER, 2.4 - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com