Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC486LP5 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC486LP5
Description  SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC486LP5 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC486LP5_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC486LP5_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC486LP5_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC486LP5_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC486LP5_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC486LP5_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 257
Input Return Loss vs. Temperature
Output Return Loss vs. Temperature
Broadband Gain and Return Loss
Gain vs. Temperature
P1dB vs. Temperature
Psat vs. Temperature
-25
-15
-5
5
15
25
4
567
89
10
11
S21
S11
S22
FREQUENCY (GHz)
0
5
10
15
20
25
30
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
24
26
28
30
32
34
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
24
26
28
30
32
34
6
6.5
7
7.5
8
8.5
9
9.5
10
+25 C
+85 C
-40 C
FREQUENCY (GHz)
HMC486LP5 / 486LP5E
SURFACE MOUNT PHEMT 2 WATT POWER
AMPLIFIER, 7 - 9 GHz
v02.0110


Similar Part No. - HMC486LP5_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486LP5E HITTITE-HMC486LP5E Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC486LP5E AD-HMC486LP5E Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC486LP5_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC487LP5 HITTITE-HMC487LP5 Datasheet
374Kb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
   SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
   SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
   GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com