Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100ES8014 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # MC100ES8014
Description  Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

MC100ES8014 Datasheet(HTML) 4 Page - Integrated Device Technology

  MC100ES8014 Datasheet HTML 1Page - Integrated Device Technology MC100ES8014 Datasheet HTML 2Page - Integrated Device Technology MC100ES8014 Datasheet HTML 3Page - Integrated Device Technology MC100ES8014 Datasheet HTML 4Page - Integrated Device Technology MC100ES8014 Datasheet HTML 5Page - Integrated Device Technology MC100ES8014 Datasheet HTML 6Page - Integrated Device Technology MC100ES8014 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC100ES8014
MOTOROLA
4
TIMING SOLUTIONS
Table 6. AC Characteristics (VCC = 3.3V±5%; TJ = 0°C to 110°C)
1 2
1.
AC characteristics are design targets and pending characterization.
2.
AC characteristics apply for parallel output termination of 50
Ω to V
TT.
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
HSTL/LVDS differential input signals (CLK0, CLK0)
VDIF
Differential input voltage (peak-to-peak)3
3.
VDIF (AC) is the minimum differential HSTL input voltage swing required to maintain AC characteristics including tpd and device-to-device skew.
0.4
V
VX, IN
Differential cross point voltage4
4.
VX (AC) is the crosspoint of the differential HSTL input signal. Functional operation is obtained when the crosspoint is within the VX (AC) range
and the input swing lies within the VDIF (AC) specification. Violation of VX (AC) or VDIF(AC) impacts the device propagation delay, device and
part-to-part skew.
0.68
0.9
V
fCLK
Input Frequency
0 – 400
TBD
MHz
Differential
tPD
Propagation Delay
TBD
ps
Differential
PECL differential input signals (CLK1, CLK1)
VPP
Differential input voltage (peak-to-peak)5
5.
VPP (AC) is the minimum differential PECL input voltage swing required to maintain AC characteristics including tpd and device-to-device skew.
0.2
1.0
V
VCMR
Differential cross point voltage6
6.
VCMR (AC) is the crosspoint of the differential PECL input signal. Normal AC operation is obtained when the crosspoint is within the VCMR (AC)
range and the input swing lies within the VPP (AC) specification. Violation of VCMR (AC) or VPP(AC) impacts the device propagation delay, device
and part-to-part skew.
1VCC – 0.6
V
fCLK
Input Frequency
0 – 400
MHz
Differential
tPD
Propagation Delay
TBD
ps
Differential
HSTL clock outputs (Q[0:4], Q[0:4])
VX, OUT
Output differential crosspoint
0.68
0.75
0.9
V
VOH
Output high voltage
1
V
VOL
Ouput low voltage
0.5
V
VO(P-P)
Differential output voltage (peak-to-peak)
0.5
V
tSK(O)
Output-to-output skew
50
ps
Differential
tSK(PP)
Output-to-output skew (part-to-part)
TBD
ps
Differential
tJIT(CC)
Output cycle-to-cycle jitter
TBD
DCO
Output duty cycle
TBD
50
TBD
%
DCfref = 50%
tr / tf
Output Rise/Fall Times
0.05
TBD
ns
20% to 80%
tPDL
Output disable time7
7.
Propagation delay EN deassertion to differential output disabled (differential low: true output low, complementary output high).
2.5*T +tPD
3.5*T +tPD
ns
T = CLK period
tPLD
Output enable time8
8.
Propagation delay EN assertion to output enabled (active).
3*T +tPD
4*T +tPD
ns
T = CLK period
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
MC100ES8014
Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
NETCOM
IDT™ Low Voltage 1:5 Differential LVDS Clock Fanout Buffer
Freescale Timing Solutions Organization has been acquired by Integrated Device Technology, Inc
MC100ES8014
4


Similar Part No. - MC100ES8014

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111AC RENESAS-MC100ES8111AC Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111ACR2 RENESAS-MC100ES8111ACR2 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
MC100ES8111FA RENESAS-MC100ES8111FA Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
More results

Similar Description - MC100ES8014

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Renesas Technology Corp
MC100ES8111 RENESAS-MC100ES8111 Datasheet
948Kb / 13P
   Low Voltage, 1:10 Differential HSTL Clock Fanout Buffer
2019
logo
Motorola, Inc
MC100ES8111 MOTOROLA-MC100ES8111 Datasheet
174Kb / 12P
   Low Voltage 1:10 Differential HSTL Clock Fanout Buffer
logo
Cypress Semiconductor
CY2DL1510 CYPRESS-CY2DL1510 Datasheet
371Kb / 15P
   1:10 Differential LVDS Fanout Buffer
CY2PP3210 CYPRESS-CY2PP3210 Datasheet
275Kb / 9P
   Dual 1:5 Differential Clock / Data Fanout Buffer
logo
Renesas Technology Corp
ICS854S015I-01 RENESAS-ICS854S015I-01 Datasheet
1Mb / 28P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
OCTOBER 4, 2011
logo
Integrated Device Techn...
ICS854S015I-01 IDT-ICS854S015I-01 Datasheet
940Kb / 27P
   Low Skew, 1-to-5, Differential-to-LVDS/LVPECL Fanout Buffer
logo
ON Semiconductor
MC100LVE210 ONSEMI-MC100LVE210 Datasheet
121Kb / 8P
   Low Voltage Dual 1:4, 1:5 Differential Fanout Buffer
February, 2000 ??Rev. 2
logo
Cypress Semiconductor
CY2DL1504_1105 CYPRESS-CY2DL1504_1105 Datasheet
315Kb / 14P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
CY2DL1504 CYPRESS-CY2DL1504 Datasheet
309Kb / 15P
   1:4 Differential LVDS Fanout Buffer with Selectable Clock Input
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com