Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC497LP4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC497LP4
Description  SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC497LP4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC497LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC497LP4 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10
10 - 27
Wideband Performance
vs. Frequency Over Supply Voltage [1]
Output IP3, P1dB & Noise Floor
@ 20 MHz vs. Offset Frequency
Over Supply Voltage [1]
Uncalibrated Carrier Feedthrough [2]
vs. Frequency
Calibrated Carrier Feedthrough [2]
vs. Frequency
Wideband Performance
vs. Frequency Over LO Power [3]
Output IP3, P1dB & Noise Floor @ 20 MHz
Offset vs. Frequency Over LO Power [3]
[1] See note titled “Calibrated vs. Uncalibrated test results” herein.
[2] Supply voltage from +4.5 to +5.5V.
[3] LO Power from -6 dBm to +6 dBm
-10
-5
0
5
10
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
FREQUENCY (MHz)
SIDEBAND SUPPRESSION
OUTPUT POWER
-10
-5
0
5
10
-60
-45
-30
-15
0
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
FREQUENCY (MHz)
SIDEBAND SUPPRESSION
OUTPUT POWER
-20
-10
0
10
20
30
-170
-160
-150
-140
-130
-120
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
FREQUENCY (MHz)
NOISE FLOOR
OUTPUT P1dB
OUTPUT IP3
SET-UP NOISE FLOOR
-20
-10
0
10
20
30
-170
-160
-150
-140
-130
-120
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
FREQUENCY (GHz)
NOISE FLOOR
OUTPUT P1dB
OUTPUT IP3
MEASUREMENT NOISE FLOOR
-70
-60
-50
-40
-30
-20
-10
0
10
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
-6 dBm
0 dBm
+6 dBm
FREQUENCY (MHz)
-70
-60
-50
-40
-30
-20
-10
0
10
0
400
800 1200 1600 2000 2400 2800 3200 3600 4000
-6 dBm
0 dBm
+6 dBm
FREQUENCY (MHz)
HMC497LP4 / 497LP4E
v04.1108
SiGe WIDEBAND DIRECT
MODULATOR RFIC, 100 - 4000 MHz


Similar Part No. - HMC497LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC497LP4E HITTITE-HMC497LP4E Datasheet
547Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
More results

Similar Description - HMC497LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4_08 Datasheet
269Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com