Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC28500YJL Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC28500YJL
Description  75V/4A Hyper Speed Control??Synchronous DC-DC Buck Regulator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC28500YJL Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC28500YJL Datasheet HTML 5Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 6Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 7Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 8Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 9Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 10Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 11Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 12Page - Micrel Semiconductor MIC28500YJL Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
Micrel, Inc.
MIC28500
June 2011
9
M9999-060311-B
Typical Characteristics (Continued)
Die Temperature* (VIN = 30V)
vs. Output Current
0
20
40
60
80
012
34
OUTPUT CURRENT (A)
VIN = 30V
VOUT = 3.3V
VDD= 5V
fSW = 250kHz
Die Temperature* (VIN = 48V)
vs. Output Current
0
20
40
60
80
01
23
4
OUTPUT CURRENT (A)
VIN = 48V
VOUT = 3.3V
VDD= 5V
fSW = 250kHz
Die Temperature* (VIN = 75V)
vs. Output Current
0
20
40
60
80
100
01
23
4
OUTPUT CURRENT (A)
VIN = 75V
VOUT = 3.3V
VDD = 5V
fSW = 250kHz
Efficiency (VIN = 30V)
vs. Output Current
30
40
50
60
70
80
90
100
01
23
456
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 30V
fSW = 250kHz
Efficiency (VIN = 48V)
vs. Output Current
10
20
30
40
50
60
70
80
90
100
012
3456
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 48V
fSW = 250kHz
Efficiency (VIN = 75V)
vs. Output Current
10
20
30
40
50
60
70
80
90
100
0
12
3456
OUTPUT CURRENT (A)
5.0V
3.3V
2.5V
1.8V
1.5V
1.2V
1.0V
0.9V
0.8V
VIN = 75V
fSW = 250kHz
Thermal Derating
0
1
2
3
4
25
40
55
70
85
100
Maximum Ambient Temperature (°C)
VIN = 48V
fSW=250kHz
L=10uH
Tj_MAX =125°C
VOUT = 5V
VOUT = 3.3V
VOUT = 2.5V
Thermal Derating
0
1
2
3
4
25
40
55
70
85
100
Maximum Ambient Temperature (°C)
VIN = 48V
fSW=250kHz
L=10uH
Tj_MAX =125°C
VOUT = 1.2V
VOUT = 0.8V
Thermal Derating
0
1
2
3
4
25
40
55
70
85
100
Maximum Ambient Temperature (°C)
VIN = 48V
VOUT = 12V
fSW=250kHz
L=33μH
Tj_MAX =125°C
Die Temperature* :
The temperature measurement was taken at the hottest point on the MIC28500 case mounted on a 5 square inch 4 layer, 0.62”,
FR-4 PCB with 2oz. finish copper weight per layer, see Thermal Measurement section. Actual results will depend upon the size of the PCB, ambient
temperature and proximity to other heat emitting components.


Similar Part No. - MIC28500YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510 Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510 Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC28510YJL MICREL-MIC28510YJL Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results

Similar Description - MIC28500YJL

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC28510 MICREL-MIC28510_12 Datasheet
1Mb / 30P
   75V/4A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC28510EV MICREL-MIC28510EV Datasheet
369Kb / 14P
   75V/4A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26950 MICREL-MIC26950 Datasheet
683Kb / 27P
   12A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26600 MICREL-MIC26600 Datasheet
961Kb / 28P
   7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26400 MICREL-MIC26400 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC26400 MICREL-MIC26400_11 Datasheet
1Mb / 27P
   5A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC261203ZA MICREL-MIC261203ZA Datasheet
1Mb / 28P
   28V, 12A Hyper Speed Control Synchronous DC/DC Buck Regulator
MIC27600 MICREL-MIC27600 Datasheet
1Mb / 27P
   36V, 7A Hyper Speed Control Synchronous DC-DC Buck Regulator
MIC26601 MICREL-MIC26601 Datasheet
1Mb / 30P
   28V, 6A Hyper Speed Control??Synchronous DC/DC Buck Regulator
MIC26603ZA MICREL-MIC26603ZA Datasheet
1Mb / 28P
   28V, 6A Hyper Speed Control Synchronous DC/DC Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com