Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

512LP5E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 512LP5E
Description  MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

512LP5E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  512LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 512LP5E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Absolute Maximum Ratings
Vcc(Dig), Vcc(Amp), Vcc(RF)
+5.5 Vdc
Vtune
0 to +15V
Junction Temperature
135 °C
Continuous Pdiss (T = 85 °C)
(derate 43.5 mW/C above 85 °C
2.17 W
Thermal Resistance
(junction to ground paddle)
23 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
4.75
300
5.00
330
5.25
360
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
RFOUT/2 Frequency
vs. Tuning Voltage, Vcc = +5V
RFOUT/2 Output Power
vs. Tuning Voltage, Vcc = +5V
Divide-by-4 Frequency
vs. Tuning Voltage, Vcc = +5V
Divide-by-4 Output Power
vs. Tuning Voltage, Vcc = +5V
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25C
+85C
-40C
TUNING VOLTAGE (Volts)
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25C
+85C
-40C
TUNING VOLTAGE (Volts)
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25C
+85C
-40C
TUNING VOLTAGE (Volts)
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
0
1
2
3
4
5
6
7
8
9
10 11 12 13
+25C
+85C
-40C
TUNING VOLTAGE (Volts)
HMC512LP5 / 512LP5E
v05.0811
MMIC VCO w/ HALF FREQUENCY OUTPUT
& DIVIDE-BY-4, 9.6 - 10.8 GHz


Similar Part No. - 512LP5E

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
512 PEREGRINE-512 Datasheet
224Kb / 8P
   1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Marl International Limi...
512 MARL-512 Datasheet
432Kb / 5P
   횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
512 ETC2-512 Datasheet
268Kb / 1P
   ROUND INSTRUMENTATION HANDLES
logo
Winchester Electronics ...
512-060-0040J WINCHESTER-512-060-0040J Datasheet
84Kb / 1P
   RIGHT ANGLE SMB PLUG PC MOUNT
logo
Oscilent Corporation
512-4.0M-315A OSCILENT-512-4.0M-315A Datasheet
141Kb / 2P
   HCMOS / TTL / Clipped Sine
More results

Similar Description - 512LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC512LP5 HITTITE-HMC512LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.6 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5 Datasheet
320Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC530LP5 HITTITE-HMC530LP5_11 Datasheet
344Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
logo
Analog Devices
HMC530LP5 AD-HMC530LP5 Datasheet
362Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 9.5 - 10.8 GHz
HMC512LP5 AD-HMC512LP5 Datasheet
381Kb / 6P
   MMIC VCO WITH HALF FREQUENCY OUTPUT 9.6 - 10.8 GHz
logo
Hittite Microwave Corpo...
HMC529LP5 HITTITE-HMC529LP5_11 Datasheet
439Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 12.4 - 13.4 GHz
HMC583LP5 HITTITE-HMC583LP5 Datasheet
323Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.8 GHz
logo
Analog Devices
HMC514LP5 AD-HMC514LP5 Datasheet
398Kb / 6P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.17 - 12.02 GHz
logo
Hittite Microwave Corpo...
HMC515LP5 HITTITE-HMC515LP5 Datasheet
371Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz
HMC534LP5 HITTITE-HMC534LP5 Datasheet
319Kb / 8P
   MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 10.6 - 11.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com