Electronic Components Datasheet Search |
|
HMC515LP5 Datasheet(PDF) 4 Page - Hittite Microwave Corporation |
|
HMC515LP5 Datasheet(HTML) 4 Page - Hittite Microwave Corporation |
4 / 6 page For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com Application Support: Phone: 978-250-3343 or apps@hittite.com 8 8 - 4 Outline Drawing NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS] 3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE. 4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM. PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM. 5. PACKAGE WARP SHALL NOT EXCEED 0.05mm. 6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO PCB RF GROUND. 7. REFER TO HITTITE APPLICATION NOTE FOR SUGGESTED LAND PATTERN. Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC515LP5 Low Stress Injection Molded Plastic Sn/Pb Solder MSL3 [1] H515 XXXX HMC515LP5E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL3 [2] H515 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX Package Information HMC515LP5 / 515LP5E v03.0811 MMIC VCO w/ HALF FREQUENCY OUTPUT & DIVIDE-BY-4, 11.5 - 12.5 GHz Pin Descriptions Pin Number Function Description Interface Schematic 1 - 3, 7 - 10, 13 - 18, 20, 22 - 28, 30 - 32 N/C No Connection. These pins may be connected to RF/ DC ground. Performance will not be affected. 4 RFOUT/4 Divide-by-4 Output. 6 Vcc1 Supply Voltage for prescaler. If prescaler is not required, this pin may be left open to conserve 65 mA of current. |
Similar Part No. - HMC515LP5_11 |
|
Similar Description - HMC515LP5_11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |