Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LO3316 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LO3316
Description  Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LO3316 Datasheet(HTML) 1 Page - ice Components, Ins.

  LO3316_08 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
2.54 +/- 0.3
7.62 +/- 0.3
xxx
12.95 max
8.38 +/- 0.3
Features
Will Handle up to 9.0A
Suitable for Pick and Place
Withstands Solder Reflow
Applications
Handheld and PDA Applications
DC/DC Converters
Output Power Chokes
Battery Powered Or Low Voltage Applications
Packaging
Reel Diameter: 13"
Reel Width:
24mm
Pieces Per Reel: 1000
Mechanical
Electrical Specifications
LO3316-1R0-RM
LO3316-1R5-RM
LO3316-2R2-RM
LO3316-3R3-RM
LO3316-4R7-RM
LO3316-6R8-RM
LO3316-100-RM
LO3316-150-RM
LO3316-220-RM
LO3316-330-RM
LO3316-470-RM
LO3316-680-RM
LO3316-101-RM
LO3316-151-RM
LO3316-221-RM
LO3316-331-RM
LO3316-471-RM
LO3316-681-RM
LO3316-102-RM
Part
Number
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
68
100
150
220
330
470
680
1,000
Inductance1
(uH +/- 20%)
0.009
0.010
0.012
0.015
0.018
0.027
0.038
0.046
0.085
0.10
0.14
0.20
0.28
0.40
0.61
1.02
1.27
2.02
3.00
DCR max
(
Ω)
9.00
8.00
7.00
6.40
5.40
4.60
3.80
3.00
2.60
2.00
1.60
1.40
1.20
1.00
0.80
0.60
0.50
0.40
0.30
I
dc max
2
(A)
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drop = 10% at
rated I
dc max.
3. Operating temperature
range: -40ºC to +85ºC.
4. Electrical specifications at
25ºC.
5. Meets UL 94V-0.
7.37
2.92
TOP VIEW
Unit: mm
LO3316 Series
Surface Mount Power Inductors
42
(04/08) LO-2


Similar Part No. - LO3316_08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316-100-RM ICE-LO3316-100-RM Datasheet
408Kb / 1P
   Surface Mount Power Inductors
LO3316-101-RM ICE-LO3316-101-RM Datasheet
408Kb / 1P
   Surface Mount Power Inductors
LO3316-102-RM ICE-LO3316-102-RM Datasheet
408Kb / 1P
   Surface Mount Power Inductors
LO3316-150-RM ICE-LO3316-150-RM Datasheet
408Kb / 1P
   Surface Mount Power Inductors
LO3316-151-RM ICE-LO3316-151-RM Datasheet
408Kb / 1P
   Surface Mount Power Inductors
More results

Similar Description - LO3316_08

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0804T-1R0M ABRACON-ASPI-0804T-1R0M Datasheet
182Kb / 1P
   SURFACE-MOUNT POWER INDUCTORS
logo
ice Components, Ins.
LS74 ICE-LS74_08 Datasheet
218Kb / 1P
   Surface Mount Power Inductors
LS1608 ICE-LS1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
LS125 ICE-LS125 Datasheet
567Kb / 1P
   Surface Mount Power Inductors
LS3316 ICE-LS3316 Datasheet
542Kb / 1P
   Surface Mount Power Inductors
LO1608 ICE-LO1608_08 Datasheet
174Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0_08 Datasheet
136Kb / 3P
   Surface Mount Power Inductors
logo
TT Electronics.
HM62-2610 TTELEC-HM62-2610 Datasheet
1Mb / 8P
   Surface Mount Power Inductors
logo
RENCO ELECTRONICS, INC.
RL-6280 RENCO-RL-6280 Datasheet
410Kb / 6P
   SURFACE MOUNT POWER INDUCTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com