Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4940 Datasheet(PDF) 6 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4940
Description  Switching Power Transistor(4A NPN)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4940 Datasheet(HTML) 6 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4940 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4940 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Forward Bias SOA
0.01
0.1
1
10
100
2SC4940
100
µs
Tc = 25
°C
Single Pulse
200
µs
1ms
10ms
DC
8
550
Collector-Emitter Voltage VCE [V]
PT limit
IS/B limit


Similar Part No. - 2SC4940

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4940 SAVANTIC-2SC4940 Datasheet
224Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4940 JMNIC-2SC4940 Datasheet
154Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4940 ISC-2SC4940 Datasheet
129Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4940 SAVANTIC-2SC4940 Datasheet
225Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4940 NJSEMI-2SC4940 Datasheet
130Kb / 2P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4940

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
   NPN 4A 80V Middle Power Transistor
logo
Shindengen Electric Mfg...
2SD1790 SHINDENGEN-2SD1790 Datasheet
463Kb / 8P
   Darlington Transistor(짹 4A NPN)
2SD1788 SHINDENGEN-2SD1788 Datasheet
505Kb / 9P
   Darlington Transistor(짹 4A NPN)
2SD1789 SHINDENGEN-2SD1789 Datasheet
463Kb / 8P
   Darlington Transistor(짹 4A NPN)
logo
Rohm
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
   Power Transistor (-80V, -4A)
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
   Power Transistor (-80V, -4A)
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
   Power Transistor (-80V, -4A)
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
   Power Transistor (−80V, −4A)
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
   Power Transistor (80V, 4A)
2SA1635 ROHM-2SA1635 Datasheet
61Kb / 2P
   Power Transistor (-80V, -4A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com