Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4941 Datasheet(PDF) 3 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4941
Description  Switching Power Transistor(6A NPN)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SC4941 Datasheet(HTML) 3 Page - Shindengen Electric Mfg.Co.Ltd

  2SC4941 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd 2SC4941 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image


Similar Part No. - 2SC4941

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4941 SAVANTIC-2SC4941 Datasheet
157Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4941 JMNIC-2SC4941 Datasheet
86Kb / 3P
   Silicon Power Transistors
logo
Inchange Semiconductor ...
2SC4941 ISC-2SC4941 Datasheet
133Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4941 SAVANTIC-2SC4941 Datasheet
158Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4941 NJSEMI-2SC4941 Datasheet
131Kb / 2P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4941

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4584 SHINDENGEN-2SC4584 Datasheet
441Kb / 10P
   Switching Power Transistor(6A NPN)
2SC4236 SHINDENGEN-2SC4236 Datasheet
519Kb / 12P
   Switching Power Transistor(6A NPN)
2SC5382 SHINDENGEN-2SC5382 Datasheet
475Kb / 10P
   Switching Power Transistor(6A NPN)
logo
Cystech Electonics Corp...
TIP41CE3 CYSTEKEC-TIP41CE3 Datasheet
147Kb / 3P
   6A NPN Epitaxial Planar Power Transistor
logo
Rohm
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
   NPN 6A 50V Middle Power Transistor
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
   NPN 6A 30V Middle Power Transistor
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
   Power Transistor (120V, -6A)
logo
Mospec Semiconductor
2SC681 MOSPEC-2SC681 Datasheet
107Kb / 3P
   POWER TRANSISTOR(6A,50W)
logo
Renesas Technology Corp
RJQ6008BDPM RENESAS-RJQ6008BDPM Datasheet
188Kb / 12P
   600V - 6A - IGBT Power Switching
Nov.19.2020
logo
Zetex Semiconductors
ZUMT619 ZETEX-ZUMT619 Datasheet
123Kb / 3P
   NPN SILICON POWER (SWITCHING) TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com