Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP07-392 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP07-392
Description  SMT High Current Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP07-392 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP07-392 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications subject to change without notice.
800.729.2099 tel
www.icecomponents.com
Features
• Low cost design
• Saturation current rating up to 85A
• Low DCR
• Suitable for pick and place applica-
tions
Mechanical
Schematic
Applications
• AC/DC and DC/DC Converters
• Servers/Workstations
• Telecom Switches
• Voltage Regulator Modules
Electrical Specifications
Packaging Reel Diameter: 13”, Reel Width: 24mm, Pieces/reel: 350
LP07-181
0.18
0.32
0.45
85
45
LP07-451
0.45
0.69
0.90
53
40
LP07-801
0.80
1.20
1.40
36
31
LP07-142
1.40
1.90
2.20
28
26
LP07-202
2.00
2.60
3.00
24
21
LP07-282
2.80
3.90
4.30
20
17
LP07-392
3.90
4.50
5.25
16
16
Part
Number
DCR
(m ,max)
DCR
(m , typ)
Isat5
(A)
Idc6
(A)
Recommended PCb layout
LP07-XXX
YYWW
13.0 max
6.5 max
S
F
2.5
6.5
4.6
1. Tested at 100kHz, 0.1Vrms.
2. Electrical specifications at 25°C.
3. Operating range: -40°C to +130°C. This is a combina-
tion of ambient plus temperature rise.
4. Meets UL 94V-0.
5. Isat is the DC current required to reduce to nominal
inductance by 20% at an ambient temperature of 25°C.
6. Idc is the DC current required to produce a temperature
rise of 40°C at an ambient temperature of 25°C.
7. Inductance tolerance is +/-20%.
8. For Lead Free components, please add “-LF” as suffix.
Inductance1
(µH,nom.)
unit: mm
A= LP07-181:
15.3mm max
LP07-451 ~ 801: 15.0mm max
LP07-142 ~ 392: 14.5mm max
A
LP07 Series
SMT High Current Inductors
14
(02/08) LP07-1


Similar Part No. - LP07-392

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP07-392 ICE-LP07-392 Datasheet
127Kb / 1P
   SMT High Current Inductors
More results

Similar Description - LP07-392

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
LP05 ICE-LP05_08 Datasheet
148Kb / 1P
   SMT High Current Inductors
LP08 ICE-LP08_08 Datasheet
181Kb / 1P
   SMT High Current Inductors
LP03 ICE-LP03_08 Datasheet
176Kb / 1P
   SMT High Current Inductors
LP06 ICE-LP06_08 Datasheet
176Kb / 1P
   SMT High Current Inductors
LP05 ICE-LP05 Datasheet
214Kb / 1P
   SMT High Current Inductors
LP08 ICE-LP08 Datasheet
169Kb / 1P
   SMT High Current Inductors
LP06 ICE-LP06 Datasheet
233Kb / 1P
   SMT High Current Inductors
LP07 ICE-LP07 Datasheet
127Kb / 1P
   SMT High Current Inductors
LP03 ICE-LP03 Datasheet
309Kb / 1P
   SMT High Current Inductors
logo
List of Unclassifed Man...
PM2120-470K ETC2-PM2120-470K Datasheet
134Kb / 1P
   SMT High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com