Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC536LP2E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC536LP2E
Description  GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC536LP2E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC536LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC536LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC536LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC536LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
11
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11 - 146
Truth Table
Absolute Maximum Ratings
Control Input
Signal Path State
A
B
RFC to:
Low
High
RF1
High
Low
RF2
DC blocks are required at ports RFC, RF1, RF2.
Choose value for lowest frequency of operation.
Outline Drawing
Control Voltages
*Control Input Tolerances are ± 0.2V
State
Bias Condition*
Low
0 Vdc @ 25 μA Typical
High
+3 Vdc to +5 Vdc @ 25 μA Typical
Control Voltage Range
-0.5 to +7.5V
Hot Switch Power Level
(Vctl = +3V)
+29 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 13.3 mW/°C above 85 °C)
0.86 W
Thermal Resistance
75 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED TO
PCB RF GROUND.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC536LP2
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
536
XXX
HMC536LP2E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
536
XXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 3-Digit lot number XXX
Package Information
HMC536LP2 / 536LP2E
v02.0409
GaAs MMIC POSITIVE CONTROL
T/R SWITCH, DC - 6 GHz


Similar Part No. - HMC536LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC536LP2E HITTITE-HMC536LP2E Datasheet
213Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
logo
Analog Devices
HMC536LP2E AD-HMC536LP2E Datasheet
240Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
More results

Similar Description - HMC536LP2E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC536LP2 AD-HMC536LP2 Datasheet
240Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC536MS8G HITTITE-HMC536MS8G_08 Datasheet
204Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Analog Devices
HMC536MS8G AD-HMC536MS8G Datasheet
460Kb / 4P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6 GHz
logo
Hittite Microwave Corpo...
HMC536LP2 HITTITE-HMC536LP2 Datasheet
213Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC536MS8G HITTITE-HMC536MS8G Datasheet
198Kb / 6P
   GaAs MMIC POSITIVE CONTROL T/R SWITCH, DC - 6.0 GHz
HMC224MS8 HITTITE-HMC224MS8_10 Datasheet
154Kb / 4P
   GaAs MMIC T/R SWITCH 5 - 6 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544_08 Datasheet
195Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com