Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

538LP4E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 538LP4E
Description  600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

538LP4E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  538LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 3
Phase Shift vs. Control Voltage
600° ANALOG PHASE SHIFTER,
6 - 15 GHz
v02.0209
HMC538LP4 / 538LP4E
Insertion Loss vs. Frequency
Phase Shift vs. Frequency @ Vctl = 5V
(Relative to Vctl = 0V)
Input Return Loss vs. Frequency,
Vctl = 0 to +5V
0
150
300
450
600
750
900
01
23
45
6 GHz
11 GHz
15 GHz
Vctl (Vdc)
Output Return Loss vs. Frequency,
Vctl = 0 to +5V
-10
-8
-6
-4
-2
0
01
23
45
+25C
+85C
-40C
Vctl (Vdc)
-20
-16
-12
-8
-4
0
5
6
7
8
9
10
11
12
13
14
15
16
0V
1V
2V
3V
4V
5V
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
6
7
8
9
10
11
12
13
14
15
16
FREQUENCY (GHz)
-20
-15
-10
-5
0
5
6
7
8
9
10
11
12
13
14
15
16
FREQUENCY (GHz)
0
150
300
450
600
750
900
5
6
7
8
9
10
11
12
13
14
15
16
+25C
+85C
-40C
FREQUENCY (GHz)
Insertion Loss vs. Control Voltage @ 11 GHz


Similar Part No. - 538LP4E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
538 MARL-538 Datasheet
395Kb / 5P
   횠12.7mm mounting Product will operate over a wide input voltage range
538-501-63 MARL-538-501-63 Datasheet
244Kb / 2P
   PROFESSIONAL LED INDICATORS 횠12.7mm Mounting
538-501-63 MARL-538-501-63 Datasheet
395Kb / 5P
   횠12.7mm mounting Product will operate over a wide input voltage range
538-501-63 MARL-538-501-63 Datasheet
395Kb / 5P
   industrial panel lamps
538-501-63 MARL-538-501-63 Datasheet
275Kb / 2P
   PANEL INDICATOR LED
More results

Similar Description - 538LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC538LP4 HITTITE-HMC538LP4 Datasheet
377Kb / 6P
   600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
   600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
logo
TriQuint Semiconductor
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
   15-19 GHz 6-Bit Digital Phase Shifter
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
   6 - 18 GHz Phase Shifter
TGP2615 TRIQUINT-TGP2615_15 Datasheet
382Kb / 9P
   15- to 19-GHz 6-Bit Digital Phase Shifter
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
   6 - 18 GHz Phase Shifter
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
   5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
   5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
   5-18 GHz Analog Phase Shifter
August 23, 2021
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
   400째 ANALOG PHASE SHIFTER 5 - 18 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com