Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

539LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 539LP3E
Description  0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

539LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  539LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 539LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 539LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 539LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 539LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 539LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5
5 - 165
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
Bit Error vs. Attenuation State
-3
-2.5
-2
-1.5
-1
-0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
+25 C
+85 C
-40 C
FREQUENCY (GHz)
-10
-8
-6
-4
-2
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
FREQUENCY (GHz)
-0.5
-0.25
0
0.25
0.5
01234567
8
ATTENUATION STATE (dB)
3 GHz
40 MHz
500 MHz
2 GHz
1 GHz
100 MHz
4 GHz
-0.25
-0.15
-0.05
0.05
0.15
0.25
0.35
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
FREQUENCY (GHz)
1 dB
0.25 dB
0.5 dB
2 dB
4 dB
7.75 dB
-20
-15
-10
-5
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
FREQUENCY (GHz)
7.75 dB
4 dB
2 dB
0.25-1 dB
-45
-36
-27
-18
-9
0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
FREQUENCY (GHz)
1 dB
2 dB
4 dB
I.L.dB
7.75 dB
0.5 dB
0.25 dB
HMC539LP3 / 539LP3E
0.25 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
v00.0605


Similar Part No. - 539LP3E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5390 ETC2-5390 Datasheet
102Kb / 1P
   SMA MALE TO SMA MALE STRAIGHT ADAPTER
logo
Visual Communications C...
5390 VCC-5390 Datasheet
98Kb / 1P
   T-1 3/4 Right Angle LED Assembly
logo
Alpha Wire
5390/15C ALPHAWIRE-5390/15C Datasheet
99Kb / 5P
   Customer SpecificationS
12/5/2022
5390/20C ALPHAWIRE-5390/20C Datasheet
100Kb / 5P
   Customer SpecificationS
12/13/2022
5390/25C ALPHAWIRE-5390/25C Datasheet
94Kb / 5P
   Customer Specification
1/11/2023
More results

Similar Description - 539LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC539LP3 HITTITE-HMC539LP3 Datasheet
353Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4.0 GHz
logo
Analog Devices
HMC539ALP3 AD-HMC539ALP3 Datasheet
536Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHzFor
logo
Hittite Microwave Corpo...
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC540LP3 HITTITE-HMC540LP3_08 Datasheet
223Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC603MS10 HITTITE-HMC603MS10_08 Datasheet
236Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com