Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

540LP3E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 540LP3E
Description  1 dB LSB GaAs MMIC 4-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

540LP3E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  540LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 540LP3E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5
5 - 172
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Control Voltage
Bias Voltage & Current
Worst Case Step Error
Between Successive Attenuation States
Vdd = +5.0 Vdc ± 10%
Vdd
(VDC)
Idd (Typ.)
(mA)
+4.5
3.0
+5.0
3.2
+5.5
3.4
State
Bias Condition
Low
0 to +0.8V @ -5 uA Typ.
High
+2.0 to + 5.0 Vdc @ 40 uA Typ.
Note: Vdd = +5V
Control Voltage Input
Attenuation
State
RF1 - RF2
V1
8 dB
V2
4 dB
V3
2 dB
V4
1 dB
High
High
High
High
Reference
I.L.
High
High
High
Low
1 dB
High
High
Low
High
2 dB
High
Low
High
High
4 dB
Low
High
High
High
8 dB
Low
Low
Low
Low
15 dB
Any combination of the above states will provide an attenuation
approximately equal to the sum of the bits selected.
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
012345
6
FREQUENCY (GHz)
HMC540LP3 / 540LP3E
1 dB LSB GaAs MMIC 4-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
v00.0605


Similar Part No. - 540LP3E

ManufacturerPart #DatasheetDescription
logo
HB Electronic Component...
540LB7C HB-540LB7C Datasheet
725Kb / 9P
   LED
logo
List of Unclassifed Man...
540LW7C ETC2-540LW7C Datasheet
164Kb / 4P
   LED SPECIFICATION
More results

Similar Description - 540LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC540LP3 HITTITE-HMC540LP3 Datasheet
327Kb / 6P
   1 dB LSB GaAs MMIC 4-BIT DIG POSITIVE CONTROL ATTENUATOR, DC - 5.5 GHz
HMC470LP3 HITTITE-HMC470LP3 Datasheet
393Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.0 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC468LP3 HITTITE-HMC468LP3 Datasheet
206Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6.0 GHz
logo
Analog Devices
HMC470ALP3 AD-HMC470ALP3 Datasheet
1Mb / 4P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC539LP3 HITTITE-HMC539LP3_08 Datasheet
240Kb / 6P
   0.25 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 4 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC467LP3 HITTITE-HMC467LP3_08 Datasheet
206Kb / 6P
   2 dB LSB GaAs MMIC 2-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
logo
Analog Devices
HMC472ALP4 AD-HMC472ALP4 Datasheet
717Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com