Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC544E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC544E
Description  GaAs MMIC T/R SWITCH, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC544E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC544E Datasheet HTML 1Page - Hittite Microwave Corporation HMC544E Datasheet HTML 2Page - Hittite Microwave Corporation HMC544E Datasheet HTML 3Page - Hittite Microwave Corporation HMC544E Datasheet HTML 4Page - Hittite Microwave Corporation HMC544E Datasheet HTML 5Page - Hittite Microwave Corporation HMC544E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
10 - 304
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC544 / 544E
GaAs MMIC T/R SWITCH,
DC - 4.0 GHz
v00.0206
Typical Application Circuit
Pin Descriptions
Notes:
1. Set logic gate Vdd = +3V to +5V and use HCT series logic to provide a TTL driver interface.
2. Control inputs A/B can be driven directly with CMOS logic (HC) with Vdd of +3V to +5V applied to the CMOS logic gates.
3. DC Blocking capacitors are required for each RF port as shown. Capacitor value determines lowest frequency of operation.
Pin Number
Function
Description
Interface Schematic
1, 3, 5
RF2, RF1, RFC
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required.
2
GND
This pin must be connected to RF/DC ground.
4
B
See truth and control voltage tables.
6
A
See truth and control voltage tables.


Similar Part No. - HMC544E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC544E HITTITE-HMC544E Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
More results

Similar Description - HMC544E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC544A HITTITE-HMC544A Datasheet
681Kb / 8P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Analog Devices
HMC544A AD-HMC544A Datasheet
315Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC544 HITTITE-HMC544 Datasheet
263Kb / 6P
   GaAs MMIC T/R SWITCH, DC - 4.0 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC784MS8GE HITTITE-HMC784MS8GE Datasheet
257Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
logo
Analog Devices
HMC784A AD-HMC784A Datasheet
527Kb / 9P
   GaAs MMIC 10 WATT T/R SWITCH DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC195 HITTITE-HMC195_05 Datasheet
273Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC195 HITTITE-HMC195 Datasheet
198Kb / 6P
   GaAs MMIC SOT26 T/R SWITCH, DC - 2.5 GHz
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com