Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP030T Datasheet(PDF) 2 Page - BeRex Corporation

Part # BCP030T
Description  HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BCP030T Datasheet(HTML) 2 Page - BeRex Corporation

  BCP030T Datasheet HTML 1Page - BeRex Corporation BCP030T Datasheet HTML 2Page - BeRex Corporation BCP030T Datasheet HTML 3Page - BeRex Corporation BCP030T Datasheet HTML 4Page - BeRex Corporation BCP030T Datasheet HTML 5Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.berex.com
BeRex, Inc. 1735 North 1
st Street #302 San Jose, CA 95112 tel. (408) 452-5595
September 2011
Specifications are subject to change without notice. ©BeRex 2011
Rev. 1.2
BCP030T
ELECTRICAL CHARACTERISTIC (TUNED FOR GAIN) Ta = 25° C
SYMBOL
PARAMETER/TEST CONDITIONS
TEST
FREQ.
MIN.
TYPICAL
MAX.
UNIT
P1dB
Output Power @ P1dB (Vds = 8V, Ids = 50%
Idss)
12 GHz
18 GHz
22.0
23.0
23.0
dBm
G1dB
Gain @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
14.5
15.5
11.5
dB
PAE
PAE @ P1dB (Vds = 8V, Ids = 50% Idss)
12 GHz
18 GHz
45
45
%
NF
50 Ohm Noise Figure (Vds=2V, Ids=15 mA
12 GHz
1.14
dB
Idss
Saturated Drain Current (Vgs = 0V, Vds = 1.0V)
60
90
120
mA
Gm
Transconductance (Vds = 2V, Vgs = 50% Idss)
120
mS
Vp
Pinch-off Voltage (Ids = 0.3 mA, Vds = 2V)
-2.5
-1.1
-0.5
V
BVgd
Drain Breakdown Voltage (Ig = 0.3 mA, source open)
-15
-12
V
BVgs
Source Breakdown Voltage (Ig = 0.3 mA, drain open)
-13
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
121
°C/W
MAXIMUM RATING (Ta = 25° C)
SYMBOLS
PARAMETERS
ABSOLUTE
CONTINUOUS
Vds
Vgs
Ids
Igsf
Pin
Tch
Tstg
Pt
Drain-Source Voltage
Gate-Source Voltage
Drain Current
Forward Gate Current
Input Power
Channel Temperature
Storage Temperature
Total Power Dissipation
12 V
-6 V
Idss
18 mA
22 dBm
175° C
-60° C - 150° C
1.4 W
8 V
-3 V
Idss
3 mA
@ 3dB compression
150° C
-60° C - 150° C
1.2 W
Exceeding any of the above Maximum Ratings will result in reduced MTTF and may cause permanent damage to the device
.


Similar Part No. - BCP030T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP030T BEREX-BCP030T Datasheet
413Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP030T-70 BEREX-BCP030T-70 Datasheet
803Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET (0.25關m x 300關m gate)
BCP030T-70 BEREX-BCP030T-70 Datasheet
672Kb / 7P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP030T-70 BEREX-BCP030T-70_15 Datasheet
672Kb / 7P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET
BCP030T BEREX-BCP030T_15 Datasheet
413Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results

Similar Description - BCP030T

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BCP030C BEREX-BCP030C Datasheet
318Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP120C BEREX-BCP120C Datasheet
371Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C Datasheet
326Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020T BEREX-BCP020T_15 Datasheet
436Kb / 5P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T_18 Datasheet
430Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF080T BEREX-BCF080T_18 Datasheet
382Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP060C BEREX-BCP060C_18 Datasheet
336Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP080C BEREX-BCP080C_18 Datasheet
337Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCP020C BEREX-BCP020C Datasheet
294Kb / 4P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
BCF120T BEREX-BCF120T Datasheet
390Kb / 6P
   HIGH EFFICIENCY HETEROJUNCTION POWER FET CHIP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com