Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

549MS8GE Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 549MS8GE
Description  DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

549MS8GE Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  549MS8GE Datasheet HTML 1Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 2Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 3Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 4Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 5Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 6Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 7Page - Hittite Microwave Corporation 549MS8GE Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 169
The circuit board used in the application should use
RF circuit design techniques. Signal lines should
have 75 Ohm impedance while the package ground
leads and exposed paddle should be connected
directly to the ground plane similar to that shown.
A sufficient number of via holes should be used to
connect the top and bottom ground planes. The
evaluation circuit board shown is available from
Hittite upon request.
Evaluation PCB
List of Materials for Evaluation PCB 113184 [1]
Item
Description
J1 - J3
BOMAR F Type 75 Ohm Connectors
J4, J5
DC Pin
C1, C2
18 kpF Capacitor, 0402 Pkg.
C3
150 pF Capacitor, 0402 Pkg.
C4
1,000 pF Capacitor, 0402 Pkg.
C5
390 pF Capacitor, 0603 Pkg.
C6
4.7 μF Capacitor, Tantalum
C7, C8
120 pF Capacitor, 0402 Pkg.
L1, L2
560 nH Inductor, 0603 Pkg..
U1
HMC549MS8G(E) Low Noise Amplifier
PCB [2]
113182 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: FR4
HMC549MS8G / 549MS8GE
v02.0310
DUAL OUTPUT LOW NOISE
AMPLIFIER, 0.04 - 0.96 GHz


Similar Part No. - 549MS8GE

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
5490 NSC-5490 Datasheet
175Kb / 7P
   Decade, and Binary Counters
logo
List of Unclassifed Man...
5490 ETC2-5490 Datasheet
161Kb / 1P
   SMA MALE TO SMA FEMALE RADIUS RIGHT ANGLE,, ADAPTER
logo
3M Electronics
5490 3M-5490 Datasheet
176Kb / 2P
   PTFE Extruded Film Tape
logo
OSRAM GmbH
54904 OSRAM-54904 Datasheet
76Kb / 1P
   Upgrades For Popular Projjecttiion Lamps
logo
Festo Corporation.
549044 FESTO-549044 Datasheet
97Kb / 2P
   AS-i module
8/10/22
More results

Similar Description - 549MS8GE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC549MS8G HITTITE-HMC549MS8G Datasheet
405Kb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER, 0.04 - 0.96 GHz
logo
Analog Devices
HMC549MS8GE AD-HMC549MS8GE Datasheet
1Mb / 8P
   DUAL OUTPUT LOW NOISE AMPLIFIER
logo
Renesas Technology Corp
F6921 RENESAS-F6921_V01 Datasheet
887Kb / 17P
   Dual-Channel Low Noise Amplifier 10.7 – 12.75 GHz
Apr 8, 2021
F6922 RENESAS-F6922 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 17.7 ??21.2 GHz
F6922 RENESAS-F6922_V01 Datasheet
1Mb / 16P
   Dual-Channel Low Noise Amplifier 17.7 – 21.2 GHz
Jun 25, 2021
F6921 RENESAS-F6921 Datasheet
128Kb / 3P
   Dual-Channel Low Noise Amplifier 10.7 ??12.75 GHz
F6923 RENESAS-F6923 Datasheet
127Kb / 3P
   Dual-Channel Low Noise Amplifier 13.75 ??17.3 GHz
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
   Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com