Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1022 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SD1022
Description  Darlington Transistor(5A NPN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1022 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1022 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1022 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
OUTLINE DIMENSIONS
Unit : mm
Case : TO-220
Darlington Transistor
5A NPN
2SD1022
(T5L10)
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55∼+150
Junction Temperature
Tj
+150
Collector to Base Voltage
VCBO
100
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
7
V
Collector Current DC
IC
5
A
Collector Current Peak
ICP
8
A
Base Current DC
IB
0.5
A
Base Current Peak
IBP
1
A
Total Transistor Dissipation
PT
Tc = 25℃
30
W
Mounting Torque
TOR
(Recommended torque : 0.3N・m)
0.5
N・m
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector Cutoff Current
ICBO
VCB = 100V
Max 0.1
mA
ICEO
VCE = 100V
Max 0.1
Emitter Cutoff Current
IEBO
VEB = 7V
Max 5
mA
DC Current Gain
hFE
VCE = 3V, IC = 3A
Min 1,500
Max 30,000
Collector to Emitter Saturation Voltage
VCE(sat)
IC = 3A
Max 1.5
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = 3mA
Max 2.0
V
Thermal Resistance
θjc
Junction to case
Max 4.17
℃/W
Transition Frequency
fT
VCE = 10V, IC = 0.5A
TYP 20
MHz
Turn on Time
ton
Max 2
IC = 5A
Storage Time
ts
IB1 = IB2 = 5mA
Max 5
μs
RL = 5Ω
Fall Time
tf
VBB2 = 4V
Max 3


Similar Part No. - 2SD1022

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1022 ISC-2SD1022 Datasheet
252Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results

Similar Description - 2SD1022

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SD1023 SHINDENGEN-2SD1023 Datasheet
445Kb / 9P
   Darlington Transistor(5A NPN)
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
logo
Fairchild Semiconductor
TN6725A FAIRCHILD-TN6725A Datasheet
26Kb / 2P
   NPN Darlington Transistor
logo
First Components Intern...
BC618 FCI-BC618 Datasheet
73Kb / 5P
   NPN Darlington Transistor
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
   NPN Darlington Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com