Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC564 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC564
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC564 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC564 Datasheet HTML 1Page - Hittite Microwave Corporation HMC564 Datasheet HTML 2Page - Hittite Microwave Corporation HMC564 Datasheet HTML 3Page - Hittite Microwave Corporation HMC564 Datasheet HTML 4Page - Hittite Microwave Corporation HMC564 Datasheet HTML 5Page - Hittite Microwave Corporation HMC564 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1
1 - 81
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Outline Drawing
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2)
+3.5 Vdc
RF Input Power (RFIN)(Vdd = +3.0 Vdc)
+5 dBm
Channel Temperature
175 °C
Continuous Pdiss (T= 85 °C)
(derate 12.97 mW/°C above 85 °C)
1.17 W
Thermal Resistance
(channel to die bottom)
77 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Vdd (Vdc)
Idd (mA)
+2.5
49
+3.0
51
+3.5
53
Typical Supply Current vs. Vdd
Note: Amplifier will operate over full voltage ranges shown
above.
NOTES:
1. ALL DIMENSIONS ARE IN INCHES [MM]
2. DIE THICKNESS IS .004”
3. TYPICAL BOND IS .004” SQUARE
4. BACKSIDE METALLIZATION: GOLD
5. BOND PAD METALLIZATION: GOLD
6. BACKSIDE METAL IS GROUND.
7. CONNECTION NOT REQUIRED FOR UNLABELED BOND PADS.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Die Packaging Information [1]
Standard
Alternate
GP-2 (Gel Pack)
[2]
[1] Refer to the “Packaging Information” section for die
packaging dimensions.
[2] For alternate packaging information contact Hittite
Microwave Corporation.
HMC564
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 7 - 13.5 GHz
v00.0206


Similar Part No. - HMC564

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
logo
Micross Components
HMC564 MICROSS-HMC564 Datasheet
881Kb / 9P
   Point-to-Multi-Point Radios
logo
Analog Devices
HMC564 AD-HMC564 Datasheet
699Kb / 7P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
233Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
More results

Similar Description - HMC564

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC441LP3 HITTITE-HMC441LP3_09 Datasheet
226Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
HMC441LP3 HITTITE-HMC441LP3 Datasheet
255Kb / 6P
   GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 6.5 - 13.5 GHz
logo
Analog Devices
HMC462LP5 AD-HMC462LP5 Datasheet
375Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC1049 AD-HMC1049 Datasheet
272Kb / 14P
   GaAs pHEMT MMIC Low Noise Amplifier
HMC342LC4 AD-HMC342LC4 Datasheet
340Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC962LC4 AD-HMC962LC4 Datasheet
371Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER
HMC460 AD-HMC460 Datasheet
506Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com