Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC564LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC564LC4
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC564LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC564LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC564LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC564LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC564LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC564LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC564LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 174
Gain, Power & Noise Figure
vs. Supply Voltage @ 8 GHz
Reverse Isolation vs. Temperature
Power Compression @ 8 GHz
0
5
10
15
20
-15
-10
-5
0
Pout
Gain
PAE
INPUT POWER (dBm)
-50
-40
-30
-20
-10
0
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
2
4
6
8
10
12
14
16
18
20
0
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
Vdd (Vdc)
Gain
P1dB
Noise Figure
P1dB vs. Temperature
Psat vs. Temperature
0
4
8
12
16
20
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
0
4
8
12
16
20
6
7
8
9
10
11
12
13
14
15
+25C
+85C
-40C
FREQUENCY (GHz)
HMC564LC4
v02.1208
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 7 - 14 GHz


Similar Part No. - HMC564LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
logo
Analog Devices
HMC564LC4 AD-HMC564LC4 Datasheet
1Mb / 7P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC564LC4TR AD-HMC564LC4TR Datasheet
1Mb / 7P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
HMC564LC4TR-R5 AD-HMC564LC4TR-R5 Datasheet
1Mb / 7P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results

Similar Description - HMC564LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC564LC4 HITTITE-HMC564LC4 Datasheet
267Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 7 - 14 GHz
logo
Qorvo, Inc
QPA2609 QORVO-QPA2609 Datasheet
1Mb / 17P
   7 ??14 GHz GaAs Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC516 HITTITE-HMC516 Datasheet
320Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
HMC564 HITTITE-HMC564 Datasheet
296Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC516 HITTITE-HMC516_09 Datasheet
256Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 17 GHz
logo
Analog Devices
HMC565LC5 AD-HMC565LC5 Datasheet
1Mb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER
logo
Hittite Microwave Corpo...
HMC564 HITTITE-HMC564_09 Datasheet
235Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 7 - 13.5 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
   GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC565LC5 HITTITE-HMC565LC5 Datasheet
215Kb / 6P
   GaAs SMT PHEMT LOW NOISE AMPLIFIER, 6 - 20 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com