Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC574MS8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC574MS8
Description  GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC574MS8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC574MS8_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC574MS8_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
10 - 352
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Input IP3 vs. Input Power @ 900 MHz
Input IP3 vs. Input Power @ 1900 MHz
2nd & 3rd Harmonics @ 900 MHz
Vdd = +8 Volts
45
50
55
60
65
70
27
28
29
30
31
32
33
+8V
+5V
TWO TONE INPUT POWER (dBm) (EACH TONE)
-1
-0.8
-0.6
-0.4
-0.2
0
-100
-80
-60
-40
-20
0
28
30
32
34
36
38
40
F2
F3
INPUT POWER (dBm)
45
50
55
60
65
70
27
28
29
30
31
32
33
+8V
+5V
TWO TONE INPUT POWER (dBm) (EACH TONE)
2nd & 3rd Harmonics @ 900 MHz
Vdd = +5 Volts
2nd & 3rd Harmonics @ 900 MHz
Vdd = +3 Volts
-1
-0.8
-0.6
-0.4
-0.2
0
-100
-80
-60
-40
-20
0
24
26
28
30
32
34
36
F2
F3
INPUT POWER (dBm)
-1
-0.8
-0.6
-0.4
-0.2
0
-100
-80
-60
-40
-20
0
26
28
30
32
34
36
38
F2
F3
INPUT POWER (dBm)
Input Third Order Intercept
40
45
50
55
60
65
70
01234
+8V
+5V
+3V
FREQUENCY (GHz)
HMC574MS8 / 574MS8E
v02.0308
GaAs MMIC 5 WATT T/R SWITCH
DC - 3 GHz


Similar Part No. - HMC574MS8_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC574MS8E HITTITE-HMC574MS8E Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
More results

Similar Description - HMC574MS8_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC574MS8 HITTITE-HMC574MS8 Datasheet
381Kb / 8P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Analog Devices
HMC574AMS8E AD-HMC574AMS8E Datasheet
601Kb / 6P
   GaAs MMIC 5 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595A HITTITE-HMC595A Datasheet
879Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
HMC595 HITTITE-HMC595_08 Datasheet
231Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
logo
Analog Devices
HMC595A AD-HMC595A Datasheet
371Kb / 6P
   GaAs MMIC 3 WATT T/R SWITCH DC - 3 GHz
logo
Hittite Microwave Corpo...
HMC595 HITTITE-HMC595 Datasheet
343Kb / 8P
   GaAs MMIC 3 WATT T/R SWITCH, DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_08 Datasheet
277Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC484MS8G HITTITE-HMC484MS8G_10 Datasheet
889Kb / 8P
   GaAs MMIC 10 WATT T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8 Datasheet
181Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
HMC174MS8 HITTITE-HMC174MS8_05 Datasheet
246Kb / 6P
   GaAs MMIC T/R SWITCH DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com