Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

580ST89E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 580ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

580ST89E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  580ST89E Datasheet HTML 1Page - Hittite Microwave Corporation 580ST89E Datasheet HTML 2Page - Hittite Microwave Corporation 580ST89E Datasheet HTML 3Page - Hittite Microwave Corporation 580ST89E Datasheet HTML 4Page - Hittite Microwave Corporation 580ST89E Datasheet HTML 5Page - Hittite Microwave Corporation 580ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 150
Application Circuit
Recommended Component Values for Key Application Frequencies with Vs = +5V
Component
Frequency (MHz)
50
250
400
900
L1
270 nH
110 nH
110 nH
56 nH
C1, C2
0.01 μF
820 pF
820 pF
100 pF
Rbias
0 Ohms
1.5 Ohms
1.5 Ohms
1.8 Ohms
Note:
1. External blocking capacitors are required on
RFIN and RFOUT.
2. RBIAS provides DC bias stability over temperature.
Recommended Bias Resistor Values
for Icc = 88 mA, Rbias = (Vs - Vcc) / Icc, Vs > +5V
Supply Voltage (Vs)
6V
8V
RBIAS VALUE
13 Ω
36 Ω
RBIAS POWER RATING
¼ W
½ W
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1IN
This pin is DC coupled.
An off chip DC blocking capacitor is required.
3
OUT
RF output and DC Bias (Vcc) for the output stage.
2, 4
GND
These pins and package bottom
must be connected to RF/DC ground.
HMC580ST89 / 580ST89E
v04.0710
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 1 GHz


Similar Part No. - 580ST89E

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
580 GILWAY-580 Datasheet
33Kb / 1P
   T-1 Subminiature Lamps
logo
Oscilent Corporation
580 OSCILENT-580 Datasheet
144Kb / 2P
   Clipped Sine Wave
logo
Laird Tech Smart Techno...
580 LSTD-580 Datasheet
778Kb / 2P
   High reliability
logo
Oscilent Corporation
580-22.0M-315A OSCILENT-580-22.0M-315A Datasheet
144Kb / 2P
   Clipped Sine Wave
580-22.0M-315A-NC OSCILENT-580-22.0M-315A-NC Datasheet
144Kb / 2P
   Clipped Sine Wave
More results

Similar Description - 580ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC589ST89 HITTITE-HMC589ST89_10 Datasheet
212Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
HMC311SC70 HITTITE-HMC311SC70_09 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC397 HITTITE-HMC397_09 Datasheet
188Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com