Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC581LP6 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC581LP6 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC581LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8
8 - 187
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
MxN Spurious @ IF Port
nLO
mRF
0
1234
0xx2
36
32
53
1190
26
58
62
275
65
50
54
89
3108
93
88
78
89
4123
123
117
103
89
RF Freq. = 0.8 GHz @ -10 dBm
LO Freq. = 0.7 GHz @ 0 dBm
All values in dBc below IF power level (1RF - 1LO).
nLO Spur @ RF Port
LO Freq. (GHz)
1
2
3
4
0.6
15
16
14
26
0.7
7
22
15
37
0.8
4
23
19
46
0.9
3
17
25
38
1
2
17
23
25
1.1
1
20
12
24
LO = 0 dBm
All values in dBc below input LO level measured at RF port.
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
HMC581LP6 / 581LP6E
Conversion Gain vs. LO Drive IF = 70 MHz
-10
-5
0
5
10
15
20
0.7
0.8
0.9
1
1.1
-4dBm
-2dBm
0dBm
2dBm
+4dBm
RF FREQUENCY (GHz)
Conversion Gain vs. LO Drive,
IF = 150 MHz
-10
-5
0
5
10
15
20
0.7
0.8
0.9
1
1.1
-4dBm
-2dBm
0dBm
2dBm
+4dBm
RF FREQUENCY (GHz)
Conversion Gain vs. LO Drive,
IF = 200 MHz
-10
-5
0
5
10
15
20
0.7
0.8
0.9
1
1.1
-4dBm
-2dBm
0dBm
2dBm
+4dBm
RF FREQUENCY (GHz)
Typical Supply Current vs. Vdd
Vdd (LO + IF)
Idd (mA)
+4.5
190
+5.0
260
+5.5
340
Downconverter will operate over full voltage range shown above.


Similar Part No. - HMC581LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6E HITTITE-HMC581LP6E Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
More results

Similar Description - HMC581LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com