Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1026 Datasheet(PDF) 7 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SD1026
Description  Darlington Transistor(15A NPN)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SD1026 Datasheet(HTML) 7 Page - Shindengen Electric Mfg.Co.Ltd

  2SD1026 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SD1026 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Forward Bias SOA
0.1
1
10
10
100
2SD1026
Tc = 25
°C
Single Pulse
150
µs
1ms
10ms
DC
15
22
Collector-Emitter Voltage VCE [V]
PT limit
IS/B limit


Similar Part No. - 2SD1026

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD1026 ISC-2SD1026 Datasheet
103Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
Savantic, Inc.
2SD1026 SAVANTIC-2SD1026 Datasheet
125Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1026 JMNIC-2SD1026 Datasheet
37Kb / 1P
   Silicon NPN Transistors
logo
Savantic, Inc.
2SD1026 SAVANTIC-2SD1026 Datasheet
144Kb / 3P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1026 JMNIC-2SD1026 Datasheet
37Kb / 1P
   Silicon NPN Transistors
More results

Similar Description - 2SD1026

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SD1027 SHINDENGEN-2SD1027 Datasheet
458Kb / 10P
   Darlington Transistor(15A NPN)
2SD2196 SHINDENGEN-2SD2196 Datasheet
457Kb / 10P
   Darlington Transistor(15A NPN)
2SB1285 SHINDENGEN-2SB1285 Datasheet
415Kb / 9P
   Darlington Transistor(-15A PNP)
2SB1448 SHINDENGEN-2SB1448 Datasheet
416Kb / 9P
   Darlington Transistor(-15A PNP)
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
   NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
   NPN Darlington Transistor
logo
Samsung semiconductor
MMBT6427 SAMSUNG-MMBT6427 Datasheet
67Kb / 2P
   NPN (DARLINGTON TRANSISTOR)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
   Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N5306 FAIRCHILD-2N5306 Datasheet
23Kb / 2P
   NPN Darlington Transistor
logo
NXP Semiconductors
BC517 PHILIPS-BC517 Datasheet
43Kb / 8P
   NPN Darlington transistor
1999 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com