Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

589ST89E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 589ST89E
Description  InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

589ST89E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  589ST89E Datasheet HTML 1Page - Hittite Microwave Corporation 589ST89E Datasheet HTML 2Page - Hittite Microwave Corporation 589ST89E Datasheet HTML 3Page - Hittite Microwave Corporation 589ST89E Datasheet HTML 4Page - Hittite Microwave Corporation 589ST89E Datasheet HTML 5Page - Hittite Microwave Corporation 589ST89E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 152
HMC589ST89 / 589ST89E
InGaP HBT GAIN BLOCK
MMIC AMPLIFIER, DC - 4 GHz
v04.0710
General Description
Features
Functional Diagram
The HMC589ST89 & HMC589ST89E are InGaP HBT
Gain Block MMIC SMT amplifiers covering DC to
4 GHz and packaged in an industry standard
SOT89. The amplifier can be used as a cascadable
50 Ohm RF or IF gain stage as well as a LO or PA
driver with up to +19 dBm P1dB output power for
cellular/3G, FWA, CATV, microwave radio and test
equipment
applications.
The
HMC589ST89(E)
offers 20 dB gain and +33 dBm output IP3 at 1
GHz while requiring only 82 mA from a single
positive supply. The HMC589ST89(E) InGaP HBT
gain block offers excellent output power and gain
stability over temperature.
P1dB Output Power: +21 dBm
Gain: 21 dB
Output IP3: +33 dBm
Single Supply: +5V
Industry Standard SOT89 Package
Typical Applications
The HMC589ST89 / HMC589ST89E is ideal for:
• Cellular / PCS / 3G
• Fixed Wireless & WLAN
• CATV, Cable Modem & DBS
• Microwave Radio & Test Equipment
• IF & RF Applications
Electrical Specifications, Vs= 5V, Rbias= 1.8 Ohm, T
A = +25° C
Note: Data taken with broadband bias tee on device output.
Parameter
Min.
Typ.
Max.
Units
Gain
DC - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
19
16
14
13
21
19
17
15
25
23
22
20
dB
dB
dB
dB
Gain Variation Over Temperature
DC - 5 GHz
0.008
dB/ °C
Input Return Loss
DC - 1.0 GHz
1.0 - 4.0 GHz
13
8
17
11
dB
dB
Output Return Loss
DC - 1.0 GHz
1.0 - 4.0 GHz
8
7
12
10
dB
dB
Reverse Isolation
DC - 4 GHz
23
dB
Output Power for 1 dB Compression (P1dB)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
17.5
16
16
14.5
21
19
19
17.5
dBm
dBm
dBm
dBm
Output Third Order Intercept (IP3)
(Pout= 0 dBm per tone, 1 MHz spacing)
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 3.0 GHz
3.0 - 4.0 GHz
33
32
30.5
29
dBm
dBm
dBm
dBm
Noise Figure
DC - 2.0 GHz
2.0 - 4.0 GHz
4.0
4.5
dB
dB
Supply Current (Icq)
82
102
mA


Similar Part No. - 589ST89E

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
List of Unclassifed Man...
5890 ETC-5890 Datasheet
462Kb / 6P
   738A ADEMCO™ INTERFACE
logo
AVX Corporation
58915816020061 AVX-58915816020061 Datasheet
333Kb / 2P
   9158 SOLO STACKER
58915816020062 AVX-58915816020062 Datasheet
333Kb / 2P
   9158 SOLO STACKER
58915816025061 AVX-58915816025061 Datasheet
333Kb / 2P
   9158 SOLO STACKER
More results

Similar Description - 589ST89E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC589ST89 HITTITE-HMC589ST89 Datasheet
618Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC395 HITTITE-HMC395_07 Datasheet
193Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
logo
Analog Devices
HMC395 AD-HMC395 Datasheet
239Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
logo
Hittite Microwave Corpo...
HMC395 HITTITE-HMC395_09 Datasheet
174Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4 GHz
HMC580ST89 HITTITE-HMC580ST89 Datasheet
272Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 1.0 GHz
HMC396 HITTITE-HMC396_09 Datasheet
183Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8 GHz
HMC396 HITTITE-HMC396 Datasheet
215Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 8.0 GHz
HMC405 HITTITE-HMC405_07 Datasheet
197Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 10 GHz
HMC311ST89 HITTITE-HMC311ST89 Datasheet
248Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 6.0 GHz
HMC395 HITTITE-HMC395 Datasheet
200Kb / 6P
   InGaP HBT GAIN BLOCK MMIC AMPLIFIER, DC - 4.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com