Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC597LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC597LP4
Description  SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC597LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC597LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC597LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
10
10 - 4
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC597LP4 / 597LP4E
v03.0907
SiGe WIDEBAND DIRECT
DEMODULATOR RFIC, 100 - 4000 MHz
Noise Figure, P1dB,
Gain @ 900 MHz vs. LO Power [1]
Noise Figure, P1dB,
Gain @ 1970 MHz vs. LO Power [1]
Noise Figure, P1dB,
Gain @ 3500 MHz vs. LO Power [1]
-10
-5
0
5
10
15
20
25
-9
-6
-3
0369
LO POWER (dBm)
NF
P1dB
GAIN
-10
-5
0
5
10
15
20
25
-9
-6
-3
0369
LO POWER (dBm)
NF
P1dB
GAIN
-10
-5
0
5
10
15
20
25
-9
-6
-3
0369
LO POWER (dBm)
NF
P1dB
GAIN
LO - RF Isolation vs. Frequency
-100
-80
-60
-40
-20
0
0
0.5
1
1.5
2
2.5
3
3.5
4
RF FREQUENCY (GHz)
[1] IF Frequency= 10 MHz


Similar Part No. - HMC597LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC597LP4E HITTITE-HMC597LP4E Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
More results

Similar Description - HMC597LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC597LP4 HITTITE-HMC597LP4 Datasheet
259Kb / 8P
   SiGe WIDEBAND DIRECT DEMODULATOR RFIC, 100 - 4000 MHz
HMC497LP4 HITTITE-HMC497LP4_09 Datasheet
370Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC497LP4 HITTITE-HMC497LP4 Datasheet
547Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 100 - 4000 MHz
HMC495LP3 HITTITE-HMC495LP3 Datasheet
618Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC495LP3 HITTITE-HMC495LP3_08 Datasheet
428Kb / 12P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 250 - 3800 MHz
HMC697LP4 HITTITE-HMC697LP4 Datasheet
310Kb / 8P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 200 - 4000 MHz
HMC496LP3 HITTITE-HMC496LP3_11 Datasheet
558Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4 - 7 GHz
HMC496LP3 HITTITE-HMC496LP3 Datasheet
479Kb / 10P
   SiGe WIDEBAND DIRECT MODULATOR RFIC, 4.0 - 7.0 GHz
HMC696LP4E HITTITE-HMC696LP4E_08 Datasheet
414Kb / 6P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
HMC696LP4E HITTITE-HMC696LP4E Datasheet
414Kb / 10P
   SiGe WIDEBAND DIRECT QUADRATURE MODULATOR, 20 - 2700 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com