Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

603MS10E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # 603MS10E
Description  0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

603MS10E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  603MS10E Datasheet HTML 1Page - Hittite Microwave Corporation 603MS10E Datasheet HTML 2Page - Hittite Microwave Corporation 603MS10E Datasheet HTML 3Page - Hittite Microwave Corporation 603MS10E Datasheet HTML 4Page - Hittite Microwave Corporation 603MS10E Datasheet HTML 5Page - Hittite Microwave Corporation 603MS10E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
5
5 - 195
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
v00.0905
Evaluation Circuit Board
The circuit board used in the final application should
use RF circuit design techniques. Signal lines should
have 50 ohm impedance while the package ground
leads should be connected directly to the ground
plane similar to that shown. A sufficient number of
via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 112747 [1]
* R2 - R6= 100 Ohm.
These resistors are optional
and may be used to enhance
decoupling of the RF path
from the control inputs.
Item
Description
J1 - J2
PCB Mount SMA Connector
J3 - J8
DC Pin
R1
5k Ohm Resistor, 0402 Pkg.
R2 - R6
100 Ohm Resistor, 0402 Pkg.
C1 - C2
0402 Chip Capacitor, Select Value for Lowest
Frequency
U1
HMC603MS10 / HMC603MS10E
Digital Attenuators
PCB [2]
112746 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC603MS10 / 603MS10E
0.5 dB LSB GaAs MMIC 5-BIT DIGITAL
POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz


Similar Part No. - 603MS10E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
603 MARL-603 Datasheet
464Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
logo
Willow Technologies Ltd
603 WILLOW-603 Datasheet
518Kb / 3P
   2A and 5A/50Vdc and 5A/250 Vdc DC Solid-State Relays
logo
3M Electronics
603 3M-603 Datasheet
126Kb / 2P
   Filter Adapter 603
logo
Advanced Energy Industr...
603 ADVANCEDENERGY-603 Datasheet
280Kb / 4P
   TREK 603
logo
List of Unclassifed Man...
603-1 ETC2-603-1 Datasheet
385Kb / 1P
   TERMINAL BOARDS & STRIPS
More results

Similar Description - 603MS10E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC603QS16 HITTITE-HMC603QS16 Datasheet
341Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC603MS10 HITTITE-HMC603MS10 Datasheet
326Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC603QS16 HITTITE-HMC603QS16_08 Datasheet
230Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10 Datasheet
185Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_06 Datasheet
324Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306MS10 HITTITE-HMC306MS10_08 Datasheet
235Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC306AMS10 HITTITE-HMC306AMS10 Datasheet
733Kb / 6P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
HMC305LP4 HITTITE-HMC305LP4 Datasheet
499Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Analog Devices
HMC306AMS10 AD-HMC306AMS10 Datasheet
301Kb / 4P
   0.5 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
logo
Hittite Microwave Corpo...
HMC305LP4 HITTITE-HMC305LP4_10 Datasheet
352Kb / 8P
   0.5 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com