Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC604LP3 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC604LP3
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC604LP3 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

Back Button HMC604LP3_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 8Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 9Page - Hittite Microwave Corporation HMC604LP3_10 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 6
[1] Vdd = 3V or Vdd = 5V
-30
-25
-20
-15
-10
-5
0
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
16
18
20
22
24
26
28
30
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
20
22
24
26
28
30
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)
Bypass Mode
Input Return Loss vs. Temperature [1]
Bypass Mode
Output Return Loss vs. Temperature [1]
Bypass Mode
Output IP3 vs. Temperature [1]
Bypass Mode
Output P1dB vs. Temperature [1]
Bypass Mode
Psat vs. Temperature [1]
HMC604LP3 / 604LP3E
v00.0308
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
20
22
24
26
28
30
4.6
4.8
5
5.2
5.4
5.6
5.8
6
+25C
+85C
-40C
FREQUENCY (GHz)


Similar Part No. - HMC604LP3_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC604LP3E HITTITE-HMC604LP3E Datasheet
354Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
More results

Similar Description - HMC604LP3_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC717LP3 HITTITE-HMC717LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 4.8 - 6.0 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com