Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

605LP3E Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # 605LP3E
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

605LP3E Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  605LP3E Datasheet HTML 1Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 2Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 3Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 4Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 5Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 6Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 7Page - Hittite Microwave Corporation 605LP3E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
8
8 - 231
LNA Broadband Gain & Return Loss
LNA Gain vs. Temperature
LNA Noise Figure vs. Temperature
LNA – Gain, Noise Figure &
Power vs. Supply Voltage @ 2.5 GHz
LNA Gain vs. Vdd
LNA Noise Figure vs. Vdd
-40
-30
-20
-10
0
10
20
30
1234
5
6
S21
S11
S22
FREQUENCY (GHz)
14
16
18
20
22
24
2.3
2.4
2.5
2.6
2.7
+25C
+85C
-40C
FREQUENCY (GHz)
14
16
18
20
22
24
2.3
2.4
2.5
2.6
2.7
+3V
+5V
FREQUENCY (GHz)
0
0.4
0.8
1.2
1.6
2.3
2.4
2.5
2.6
2.7
+25C
-40C
+85C
FREQUENCY (GHz)
0.5
0.7
0.9
1.1
1.3
1.5
2.3
2.4
2.5
2.6
2.7
3V
5V
FREQUENCY (GHz)
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Gain
P1dB
Noise Figure
Vdd (Vdc)
HMC605LP3 / 605LP3E
v03.0809
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz


Similar Part No. - 605LP3E

ManufacturerPart #DatasheetDescription
logo
3M Electronics
605 3M-605 Datasheet
571Kb / 5P
   3M??Scotch짰 Transparent Film Tape
logo
Dialight Corporation
605-1111-110F DIALIGHT-605-1111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
605-1211-110F DIALIGHT-605-1211-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
605-1311-110F DIALIGHT-605-1311-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
605-2111-110F DIALIGHT-605-2111-110F Datasheet
79Kb / 1P
   LED Panel Mount Indicators for 5mm Mounting Hole
More results

Similar Description - 605LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com