Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC609 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC609
Description  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC609 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC609 Datasheet HTML 1Page - Hittite Microwave Corporation HMC609 Datasheet HTML 2Page - Hittite Microwave Corporation HMC609 Datasheet HTML 3Page - Hittite Microwave Corporation HMC609 Datasheet HTML 4Page - Hittite Microwave Corporation HMC609 Datasheet HTML 5Page - Hittite Microwave Corporation HMC609 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
1 - 112
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Pad Descriptions
Pad Number
Function
Description
Interface Schematic
1RFIN
This pad is AC coupled and
matched to 50 Ohms.
2, 5, 6, 10
Die Bottom
GND
These pads & die bottom must be
connected to RF/DC ground.
3, 4
Vdd1, Vdd2
Power Supply Voltage for the amplifier.
External bypass capacitors of
100 pF & 0.1 μF are required.
7RFOUT
This pad is AC coupled and
matched to 50 Ohms.
8, 9
Vgg2, Vgg1
Gates supply voltage for the amplifier. External bypass
capacitors of 100 pF and 0.1 μF are required.
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 2 - 4 GHz
HMC609
v03.0210
Assembly Diagram


Similar Part No. - HMC609

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC609 HITTITE-HMC609 Datasheet
302Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609 Datasheet
755Kb / 18P
   ACTIVE BIAS CONTROLLER
logo
Analog Devices
HMC609 AD-HMC609 Datasheet
272Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER
HMC609 AD-HMC609 Datasheet
1Mb / 22P
   Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC609LC4 HITTITE-HMC609LC4 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
More results

Similar Description - HMC609

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC594LC3B HITTITE-HMC594LC3B_10 Datasheet
225Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594 Datasheet
292Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594LC3B HITTITE-HMC594LC3B Datasheet
263Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC594 HITTITE-HMC594_09 Datasheet
244Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4_09 Datasheet
306Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609 HITTITE-HMC609 Datasheet
302Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC609LC4 HITTITE-HMC609LC4 Datasheet
273Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 4 GHz
HMC462LP5 HITTITE-HMC462LP5_10 Datasheet
974Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
HMC462 HITTITE-HMC462_10 Datasheet
533Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2 - 20 GHz
logo
Analog Devices
ADL9006CHIPS AD-ADL9006CHIPS Datasheet
541Kb / 16P
   2 GHz to 28 GHz, GaAs, pHEMT, MMIC, Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com