Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2326 Datasheet(PDF) 4 Page - BeRex Corporation

Part # BD2326
Description  Triple Band 2?륹ay SMT Power Divider
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BD2326 Datasheet(HTML) 4 Page - BeRex Corporation

  BD2326_1 Datasheet HTML 1Page - BeRex Corporation BD2326_1 Datasheet HTML 2Page - BeRex Corporation BD2326_1 Datasheet HTML 3Page - BeRex Corporation BD2326_1 Datasheet HTML 4Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
 4 
 
Lead pla ng finish
100% Tin Ma e finish
(All BeRex products undergoes a 1 hour, 150 degree C, Anneal bake to eliminate thin 
whisker growth concerns.) 
MSL / ESD Ra ng
MSL Ra ng: 
Standard: 
Level 3 at +265°C convec on reflow 
JEDEC Standard J‐STD‐020 
NATO CAGE code:
2 
N 
9 
6 
F 
Triple Band 2‐Way SMT Power Divider 
BD2326
1900~2500MHz PCS, WCDMA & TD‐SCDMA, WiBro 
BeRex
                                     ●website: www.berex.com                       ●email: sales@berex.com 
                                             
 
Specifica ons and informa on are subject to change and products may be discon nued without no ce.  BeRex is a trademark of BeRex.   
 
All other trademarks are the property of their respec ve owners.  © 2010 BeRex
 
Rev. C 


Similar Part No. - BD2326_1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD2326 BEREX-BD2326_14 Datasheet
727Kb / 4P
   Triple Band 2-Way SMT Power Divider
BD2326 BEREX-BD2326_18 Datasheet
488Kb / 5P
   Triple Band 2-Way SMT Power Divider
More results

Similar Description - BD2326_1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BD1926 BEREX-BD1926_1 Datasheet
373Kb / 4P
   Dual Band 2?륹ay SMT Power Divider
BD2326 BEREX-BD2326_18 Datasheet
488Kb / 5P
   Triple Band 2-Way SMT Power Divider
BD2326 BEREX-BD2326_14 Datasheet
727Kb / 4P
   Triple Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_1 Datasheet
662Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_1 Datasheet
667Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD23B BEREX-BD23B_1 Datasheet
668Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD09B BEREX-BD09B_14 Datasheet
829Kb / 5P
   Dedicated Band 2-Way SMT Power Divider
BD25B BEREX-BD25B_14 Datasheet
840Kb / 5P
   Quadruple Band 2-Way SMT Power Divider
BD19B BEREX-BD19B_14 Datasheet
828Kb / 5P
   Dual Band 2-Way SMT Power Divider
BD1926 BEREX-BD1926_14 Datasheet
726Kb / 4P
   Dual Band 2-Way SMT Power Divider
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com