Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BG20B Datasheet(PDF) 2 Page - BeRex Corporation

Part # BG20B
Description  5-800 MHz Internally Matched IF Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BG20B Datasheet(HTML) 2 Page - BeRex Corporation

  BG20B_1 Datasheet HTML 1Page - BeRex Corporation BG20B_1 Datasheet HTML 2Page - BeRex Corporation BG20B_1 Datasheet HTML 3Page - BeRex Corporation BG20B_1 Datasheet HTML 4Page - BeRex Corporation BG20B_1 Datasheet HTML 5Page - BeRex Corporation BG20B_1 Datasheet HTML 6Page - BeRex Corporation BG20B_1 Datasheet HTML 7Page - BeRex Corporation BG20B_1 Datasheet HTML 8Page - BeRex Corporation BG20B_1 Datasheet HTML 9Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
V-I Characteristics
BeRex
Evaluation Board
5-800 MHz Internally Matched IF Amplifier
BG20B
BeRex SOT89 Evaluation Board
Typical Device Data
S-parameters (Vc=5V, Ic=105mA, T=25°C)
*Dielectric constant _ 4.2 *
RF pattern width 52mil *31mil thick FR4 PCB
Rev. C
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex


Similar Part No. - BG20B_1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B_18 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
More results

Similar Description - BG20B_1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BG20B BEREX-BG20B_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_1 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF5 BEREX-BIF5_1 Datasheet
1Mb / 11P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_18 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_18 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF3 BEREX-BIF3_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BG20B BEREX-BG20B Datasheet
470Kb / 10P
   5-800 MHz Internally Matched IF Amplifier
BG20A BEREX-BG20A_1 Datasheet
1Mb / 8P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_1 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
BIF7 BEREX-BIF7_16 Datasheet
1Mb / 10P
   5-800 MHz Internally Matched IF Amplifier
BIF1 BEREX-BIF1_16 Datasheet
1Mb / 9P
   5-800 MHz Internally Matched IF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com