Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC620LC4 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC620LC4
Description  GaAs MMIC I/Q MIXER 3 - 7 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC620LC4 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC620LC4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC620LC4 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
8
8 - 195
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Harmonics of LO
LO Freq. (GHz)
nLO Spur at RF Port
1234
2.5
29
35
48
30
326
33
51
39
428
32
39
43
528
36
45
52
636
44
60
41
740
36
58
34
746
37
55
46
LO = +15 dBm
Values in dBc below input LO level measured at RF Port.
MxN Spurious Outputs
nLO
mRF
0
1234
0xx1
15
28
69
1150
30
39
50
269
61
78
60
71
395
95
95
73
95
4
9595959595
RF = 5.6 GHz @ -10 dBm
LO = 5.5 GHz @ +15 dBm
Data taken without IF 90˚ hybrid
All values in dBc with reference to output power at IF = 100 MHz
Absolute Maximum Ratings
RF / IF Input
+20 dBm
LO Drive
+27 dBm
Channel Temperature
150 °C
Continuous Pdiss (T=85°C)
(derate 8.93 mW/°C above 85°C)
579 mW
Thermal Resistance (R
TH
)
(channel to die bottom)
112 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-55 to +85 °C
Outline Drawing
NOTES:
1. PACKAGE BODY MATERIAL: ALUMINA
2. LEAD AND GROUND PADDLE PLATING: 30 - 80 MICROINCHES
GOLD OVER 50 MICROINCHES MINIMUM NICKLE
3. DIMENSIONS ARE IN INCHES [MILLIMETERS]
4. LEAD SPACING TOLERANCE IS NON-CUMULATIVE
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm DATUM
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC620LC4
v03.1208
GaAs MMIC I/Q MIXER
3 - 7 GHz


Similar Part No. - HMC620LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
More results

Similar Description - HMC620LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620_09 Datasheet
252Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
   GaAs MMIC I/Q MIXER
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
   GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
   GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
   GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC555 HITTITE-HMC555 Datasheet
320Kb / 6P
   GaAs MMIC I/Q MIXER 31 - 38 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com