Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC621LP4 Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # HMC621LP4
Description  RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC621LP4 Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  HMC621LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC621LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
9
9 - 8
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
Evaluation PCB
the circuit board used in the application should
use rF circuit design techniques. signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
the evaluation circuit board shown is available from
Hittite upon request.
item
Description
J1 - J7
smA connector
J8 - J10
2mm 12 pos vertical molex connector
c1, c4 - c7
100 pF capacitor, 0402 Pkg.
c8, c9
1000 pF capacitor, 0603 Pkg.
c10
10 nF capacitor, 0402 Pkg.
c11, c13
820 pF capacitor, 0402 Pkg.
c15
0.47 µF capacitor, 0603 Pkg.
c16
1 µF capacitor, 0603 Pkg.
c17
10 nF capacitor, 0603 Pkg.
r1
3.92k ohm resistor, 0402 Pkg.
r2
1.8 ohm resistor, 1206 Pkg.
L2
18 nH inductor, 0603 Pkg.
L3
110 nH inductor, 0603 Pkg.
L4
15 nH inductor, 0603 Pkg.
U1
Hmc621LP4(e) - Downconverter
PcB [2]
118869 evaluation Board
[1] reference this number when ordering complete evaluation PcB
[2] circuit Board material: rogers 4350 or Arlon 25rF, Fr4
List of Materials for Evaluation PCB 118841 [1]
HMC621LP4 / 621LP4E
v01.0708
RFIC DOWNCONVERTER SMT, 0.9 - 1.6 GHz


Similar Part No. - HMC621LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC620 HITTITE-HMC620 Datasheet
252Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620 HITTITE-HMC620 Datasheet
241Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4 Datasheet
203Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
HMC620LC4 HITTITE-HMC620LC4_09 Datasheet
219Kb / 6P
   GaAs MMIC I/Q MIXER 3 - 7 GHz
More results

Similar Description - HMC621LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC623LP4 HITTITE-HMC623LP4 Datasheet
713Kb / 8P
   RFIC DOWNCONVERTER SMT, 1.8 - 2.7 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
   CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
   CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
   HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
   PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com