Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC626LP5 Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC626LP5
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC626LP5 Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC626LP5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC626LP5 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
13 - 21
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
Pin Descriptions
Pin Number
Function
Description
Interface Schematic
1, 5, 9, 14, 16, 23,
24, 31
N/C
These pins may be connected to RF/DC ground.
Performance will not be affected.
2, 20
RFin1, RFin2
This pin is DC coupled. An off chip DC blocking capacitor is
required.
4, 22
RFout1, RFout2
RF output and DC bias (Vcc) for the output stage of the
amplifiers. Amplifier bias provided via external bias tee as
shown in application circuit.
3, 7, 18, 21
GND
These pins and package bottom
must be connected to RF/DC ground.
6, 19
ATTin,
ATTout
These pins are DC coupled and matched to 50 Ohms.
Blocking capacitors are required. Select value based
on lowest frequency of operation.
8, 10,
11, 12,
13, 15,
17
ACG1, ACG2,
ACG3, ACG4,
ACG5, ACG6,
ACG7
External capacitors to ground is required. Select value for
lowest frequency of operation. Place capacitor as close to
pins as possible.
25 - 30
V1 - V6
See truth table, control voltage
table and timing diagram.
32
Vdd
Supply voltage
HMC626LP5 / 626LP5E
v06.0709
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 1 GHz


Similar Part No. - HMC626LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5E HITTITE-HMC626LP5E Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
More results

Similar Description - HMC626LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC743LP6C HITTITE-HMC743LP6C_11 Datasheet
979Kb / 14P
   0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com