Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

626LP5E Datasheet(PDF) 8 Page - Hittite Microwave Corporation

Part # 626LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

626LP5E Datasheet(HTML) 8 Page - Hittite Microwave Corporation

  626LP5E Datasheet HTML 1Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 2Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 3Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 4Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 5Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 6Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 7Page - Hittite Microwave Corporation 626LP5E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
13 - 23
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
13
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation circuit board shown is available from
Hittite upon request.
List of Materials for Evaluation PCB 117355 [1]
Item
Description
J1 - J2
PCB Mount SMA Connector
J3
12 Pin DC Connector
J4 - J9
DC Pin
C1, C2, C9, C10
820 pF Capacitor, 0402 Pkg.
C3, C4
100 pF Capacitor, 0402 Pkg.
C5 - C8
330 pF Capacitor, 0402 Pkg.
C11 - C13
1000 pF Capacitor, 0402 Pkg.
C14, C15
2.2 μF Capacitor, CASE A Pkg.
R1, R2
1.8 Ohm Resistor, 0603 Pkg.
L1, L2
110 nH Inductor, 0603 Pkg.
U1
HMC626LP5(E) Variable Gain Amplifier
PCB [2]
118934 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Arlon 25FR
HMC626LP5 / 626LP5E
v06.0709
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, DC - 1 GHz


Similar Part No. - 626LP5E

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
626 CTS-626 Datasheet
820Kb / 10P
   Very Low Jitter LVPECL or LVDS Clock
logo
EDAC, All Rights Reserv...
626-009-262-010 EDAC-626-009-262-010 Datasheet
357Kb / 2P
   626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-011 EDAC-626-009-262-011 Datasheet
357Kb / 2P
   626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-012 EDAC-626-009-262-012 Datasheet
357Kb / 2P
   626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
626-009-262-013 EDAC-626-009-262-013 Datasheet
357Kb / 2P
   626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
More results

Similar Description - 626LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC625LP5 HITTITE-HMC625LP5_10 Datasheet
494Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625LP5 HITTITE-HMC625LP5 Datasheet
351Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 6 GHz
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC743LP6C HITTITE-HMC743LP6C_11 Datasheet
979Kb / 14P
   0.5 dB LSB GaAs MMIC DUAL 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com