Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC627LP5E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC627LP5E
Description  0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC627LP5E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC627LP5E Datasheet HTML 1Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 2Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 3Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC627LP5E Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
12 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC627LP5 / 627LP5E
v10.0410
Functional Diagram
Electrical Specifications, T
A = +25° C, 50 Ohm System Vdd = +5V, Vs= +5V
The HMC627LP5(E) is ideal for:
• Cellular/3G Infrastructure
• WiBro / WiMAX / 4G
• Microwave Radio & VSAT
• Test Equipment and Sensors
• IF & RF Applications
-11.5 to 20 dB Gain Control in 0.5 dB Steps
Power-up State Selection
High Output IP3: +36 dBm
TTL/CMOS Compatible
Serial, Parallel, or latched Parallel Control
±0.25 dB Typical Gain Step Error
Single +5V Supply
32 Lead 5x5mm SMT Package: 25mm2
The HMC627LP5(E) is a digitally controlled variable
gain amplifier which operates from 50 MHz to 1 GHz,
and can be programmed to provide anywhere from
11.5 dB attenuation, to 20 dB of gain, in 0.5 dB steps.
The HMC627LP5(E) delivers noise figure of 4.3 dB
in its maximum gain state, with output IP3 of up to
+36 dBm in any state. The dual mode gain control
interface accepts either three wire serial input or 6
bit parallel word. The HMC627LP5(E) also features a
user selectable power up state and a serial output for
cascading other Hittite serially controlled components.
The HMC627LP5(E) is housed in a RoHS compliant
5x5 mm QFN leadless package, and requires no
external matching components.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
50 - 350
350 - 1000
MHz
Gain (Maximum Gain State)
18
20
15
17.5
dB
Gain Control Range
31.5
31.5
dB
Input Return Loss
18
17
Output Return Loss
20
12
12
dB
Gain Accuracy: (Referenced to Maximum Gain State)
All Gain States
50 MHz -100MHz, 250 MHz - 350 MHz
± (0.2 + 3% of Gain Setting) Max
100 MHZ - 250 MHz
± (0.1 + 2% of Gain Setting) Max
± (0.3 + 3% of Gain Setting) Max
dB
Output Power for 1 dB Compression
18
20
16
20
dBm
Output Third Order Intercept Point
(Two-Tone Input Power= 0 dBm Each Tone)
33
36
33
36
dBm
Noise Figure
4.3
4.3
dB
Switching Characteristics
tRISE, tFall (10 / 90% RF)
170
70
170
70
ns
tON, tOFF (Latch Enable to 10 / 90% RF)
Supply Current (Idd)
90
110
90
110
mA
Typical Applications
Features
General Description
0.5 dB LSB GaAs MMIC 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 50 MHz - 1 GHz


Similar Part No. - HMC627LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC627LP5E HITTITE-HMC627LP5E Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
More results

Similar Description - HMC627LP5E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC625HFLP5E HITTITE-HMC625HFLP5E Datasheet
655Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 6 GHz
HMC626LP5 HITTITE-HMC626LP5 Datasheet
380Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626LP5 HITTITE-HMC626LP5_09 Datasheet
385Kb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC626ALP5E HITTITE-HMC626ALP5E Datasheet
739Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
HMC627LP5 HITTITE-HMC627LP5 Datasheet
316Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, DC - 1 GHz
logo
Analog Devices
HMC627ALP5E AD-HMC627ALP5E Datasheet
833Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742HFLP5E HITTITE-HMC742HFLP5E Datasheet
856Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 0.5 - 4 GHz
logo
Analog Devices
HMC742ALP5E AD-HMC742ALP5E Datasheet
756Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER
logo
Hittite Microwave Corpo...
HMC742LP5 HITTITE-HMC742LP5_09 Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
HMC742LP5E HITTITE-HMC742LP5E Datasheet
395Kb / 12P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 70 MHz - 4 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com