Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

629LP4E Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 629LP4E
Description  3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 6 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

629LP4E Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  629LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 6Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 7Page - Hittite Microwave Corporation 629LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 5
Absolute Maximum Ratings
RF Input Power (DC - 6 GHz)
28 dBm (T = +85 °C)
Digital Inputs (Data, Shift Clock,
Latch Enable & Serial Input)
-0.5 to Vdd +0.5V
Bias Voltage (Vdd)
5.6V
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 10 mW/°C above 85 °C) [1]
0.66 W
Thermal Resistance
98.5 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC629LP4 / 629LP4E
v07.0410
3 dB LSB GaAs MMIC 4-BIT
DIGITAL ATTENUATOR, DC - 6 GHz
Outline Drawing
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO PCB DESIGN AND ASSEMBLY FOR QFN PACKAGES
APPLICATION NOTE FOR SUGGESTED LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking [3]
HMC629LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H629
XXXX
HMC629LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H629
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - 629LP4E

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
629-009-240-011 EDAC-629-009-240-011 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-012 EDAC-629-009-240-012 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-013 EDAC-629-009-240-013 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-015 EDAC-629-009-240-015 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
629-009-240-031 EDAC-629-009-240-031 Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 629LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC792LP4E HITTITE-HMC792LP4E Datasheet
403Kb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC792LP4E HITTITE-HMC792LP4E_10 Datasheet
1Mb / 10P
   0.25 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4 Datasheet
337Kb / 10P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC624LP4 HITTITE-HMC624LP4_10 Datasheet
1Mb / 8P
   0.5 dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 6 GHz
HMC424G16 HITTITE-HMC424G16 Datasheet
225Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
logo
Analog Devices
HMC424AG16 AD-HMC424AG16 Datasheet
439Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC629ALP4E AD-HMC629ALP4E Datasheet
1Mb / 9P
   3 dB LSB GaAs MMIC 4-BIT DIGITAL ATTENUATOR, DC - 10GHz
logo
Hittite Microwave Corpo...
HMC424G16 HITTITE-HMC424G16_09 Datasheet
205Kb / 6P
   0.5dB LSB GaAs MMIC 6-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC468LP3 HITTITE-HMC468LP3_08 Datasheet
225Kb / 6P
   1 dB LSB GaAs MMIC 3-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 6 GHz
HMC1095LP4E HITTITE-HMC1095LP4E Datasheet
165Kb / 1P
   0.5 dB LSB GaAs MMIC 6-BIT 75 Ohms DIGITAL ATTENUATOR, DC - 3 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com