Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC635LC4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC635LC4
Description  GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC635LC4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC635LC4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC635LC4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC635LC4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC635LC4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC635LC4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC635LC4_10 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 3
Power Compression @ 30 GHz [1]
Output IP3 vs. Temperature
Noise Figure vs. Temperature [1]
Gain & Power vs.
Supply Voltage @ 30 GHz [1]
Reverse Isolation vs. Temperature
Power Compression @ 40 GHz [1]
HMC635LC4
v00.1008
GaAs PHEMT MMIC DRIVER
AMPLIFIER, 18 - 40 GHz
-70
-60
-50
-40
-30
-20
-10
0
16
21
26
31
36
41
+25C
- 40C
FREQUENCY (GHz)
16
18
20
22
24
26
4.5
4.7
4.9
5.1
5.3
5.5
Gain
P1dB
Psat
Vdd (V)
16
20
24
28
32
36
40
16
21
26
31
36
41
+25 C
-40 C
FREQUENCY (GHz)
0
3
6
9
12
15
16
21
26
31
36
41
+25 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
30
-15
-10
-5
0
5
10
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
0
5
10
15
20
25
30
-15
-10
-5
0
5
10
Pout (dBm)
Gain (dB)
PAE (%)
INPUT POWER (dBm)
[1] Board loss subtracted out for gain, power and noise figure measurements.


Similar Part No. - HMC635LC4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
HMC635LC4 AD-HMC635LC4 Datasheet
1Mb / 22P
   Active Bias Controller High Current
More results

Similar Description - HMC635LC4_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC635 HITTITE-HMC635_09 Datasheet
291Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC635LC4 HITTITE-HMC635LC4 Datasheet
247Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 18 - 40 GHz
HMC459 HITTITE-HMC459_07 Datasheet
287Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC459 HITTITE-HMC459_09 Datasheet
277Kb / 8P
   GaAs PHEMT MMIC POWER AMPLIFIER, DC - 18 GHz
HMC634LC4 HITTITE-HMC634LC4_09 Datasheet
261Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC635LC4 AD-HMC635LC4 Datasheet
330Kb / 6P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC633LC4 HITTITE-HMC633LC4 Datasheet
268Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5.5 - 17 GHz
HMC634LC4 HITTITE-HMC634LC4 Datasheet
267Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
logo
Analog Devices
HMC634 AD-HMC634 Datasheet
329Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER, 5 - 20 GHz
HMC634LC4 AD-HMC634LC4 Datasheet
423Kb / 8P
   GaAs PHEMT MMIC DRIVER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com