Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT05VG Datasheet(PDF) 11 Page - BeRex Corporation

Part # BT05VG
Description  1500-4000 MHz Wideband Drive Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT05VG Datasheet(HTML) 11 Page - BeRex Corporation

Back Button BT05VG_1 Datasheet HTML 6Page - BeRex Corporation BT05VG_1 Datasheet HTML 7Page - BeRex Corporation BT05VG_1 Datasheet HTML 8Page - BeRex Corporation BT05VG_1 Datasheet HTML 9Page - BeRex Corporation BT05VG_1 Datasheet HTML 10Page - BeRex Corporation BT05VG_1 Datasheet HTML 11Page - BeRex Corporation BT05VG_1 Datasheet HTML 12Page - BeRex Corporation BT05VG_1 Datasheet HTML 13Page - BeRex Corporation BT05VG_1 Datasheet HTML 14Page - BeRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Application Circuit: 3500MHz
Typical Performance
1500-4000 MHz Wideband Drive Amplifier
BT05VG
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C
Schematic Diagram
BOM
Tolerance
C1
100pF
±5%
C2
1000pF
±5%
C3
10uF
±20%
C4
22pF
±5%
C5
22uF
±5%
C6
0.75pF
±5%
C7
0.5pF
±5%
L1
22nH
5%
Note:
1. PCB: 31mil thick FR4.
2. Distance between the center of the series cap
(C7) and the input pin of BT05VG _ 2.0mm.
3. Distance between the center of the shunt cap
(C6) and the input pin of BT05VG _ 9.4mm.
BT013
B
B
10uF
1000 pF
100 pF
22nH
22pF
22pF
BT05VG
100pF
0.5pF
0.75pF
C4
L1
RFin
RFout
+5V
C5
BT05VG
C6
C3
C1
C2
C7


Similar Part No. - BT05VG_1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG_16 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
More results

Similar Description - BT05VG_1

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2 Datasheet
759Kb / 13P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_16 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG Datasheet
669Kb / 13P
   5-4000 MHz Wideband Drive Amplifier
BT05AG BEREX-BT05AG_1 Datasheet
1Mb / 14P
   5-4000 MHz Wideband Drive Amplifier
BCT05CV BEREX-BCT05CV Datasheet
299Kb / 8P
   5-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com