Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT013 Datasheet(PDF) 2 Page - BeRex Corporation

Part # BT013
Description  1500-4000 MHz Medium Power Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEREX [BeRex Corporation]
Direct Link  http://www.berex.com
Logo BEREX - BeRex Corporation

BT013 Datasheet(HTML) 2 Page - BeRex Corporation

  BT013 Datasheet HTML 1Page - BeRex Corporation BT013 Datasheet HTML 2Page - BeRex Corporation BT013 Datasheet HTML 3Page - BeRex Corporation BT013 Datasheet HTML 4Page - BeRex Corporation BT013 Datasheet HTML 5Page - BeRex Corporation BT013 Datasheet HTML 6Page - BeRex Corporation BT013 Datasheet HTML 7Page - BeRex Corporation BT013 Datasheet HTML 8Page - BeRex Corporation BT013 Datasheet HTML 9Page - BeRex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
V-I Characteristics
BeRex
Evaluation Board
BeRex SOT89 Evaluation Board
*Dielectric constant _ 4.2 *
RF pattern width 52mil *31mil thick FR4 PCB
Typical Device Data
S-parameters (Vc=5V, Ic=135mA, T=25°C)
1500-4000 MHz Medium Power Amplifier
BT013
*Voltage protection works at 5~6 V
BeRex
● website: www.berex.com
● email: sales@berex.com
Specifications and information are subject to change and products may be discontinued without notice. BeRex is a trademark of BeRex.
All other trademarks are the property of their respective owners. © 2010 BeRex
Rev. C


Similar Part No. - BT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT013 BEREX-BT013 Datasheet
883Kb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
2Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_16 Datasheet
2Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
More results

Similar Description - BT013

ManufacturerPart #DatasheetDescription
logo
BeRex Corporation
BT013 BEREX-BT013_16 Datasheet
2Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013_18 Datasheet
1Mb / 15P
   1500-4000 MHz Medium Power Amplifier
BCT013 BEREX-BCT013 Datasheet
811Kb / 13P
   1500-4000 MHz Medium Power Amplifier
BT013 BEREX-BT013 Datasheet
883Kb / 15P
   1500-4000 MHz Medium Power Amplifier
BT05VG BEREX-BT05VG_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_1 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG BEREX-BT05VG Datasheet
562Kb / 11P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_16 Datasheet
2Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
BT05VG2 BEREX-BT05VG2_18 Datasheet
1Mb / 14P
   1500-4000 MHz Wideband Drive Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com