Electronic Components Datasheet Search |
|
HMC648LP6 Datasheet(PDF) 5 Page - Hittite Microwave Corporation |
|
HMC648LP6 Datasheet(HTML) 5 Page - Hittite Microwave Corporation |
5 / 8 page 10 For price, delivery, and to place orders, please contact Hittite Microwave Corporation: 20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373 Order On-line at www.hittite.com 10 - 48 Outline Drawing NOTES: 1. LEADFRAME MATERIAL: COPPER ALLOY 2. DIMENSIONS ARE IN INCHES [MILLIMETERS]. 3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE. 4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE. 5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND. 6. CLASSIFIED AS MOISTURE SENSITIVITY LEVEL (MSL) 1. Part Number Package Body Material Lead Finish MSL Rating Package Marking [3] HMC648LP6 Low Stress Injection Molded Plastic Sn/Pb Solder MSL1 [1] H648 XXXX HMC648LP6E RoHS-compliant Low Stress Injection Molded Plastic 100% matte Sn MSL1 [2] H648 XXXX [1] Max peak reflow temperature of 235 °C [2] Max peak reflow temperature of 260 °C [3] 4-Digit lot number XXXX Package Information HMC648LP6 / 648LP6E v03.1109 GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz |
Similar Part No. - HMC648LP6_09 |
|
Similar Description - HMC648LP6_09 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |