Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC648LP6E Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC648LP6E
Description  GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC648LP6E Datasheet(HTML) 7 Page - Hittite Microwave Corporation

  HMC648LP6E Datasheet HTML 1Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 2Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 3Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 4Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 5Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 6Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 7Page - Hittite Microwave Corporation HMC648LP6E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 50
Evaluation PCB
The circuit board used in the final application should
use RF circuit design techniques. Signal lines
should have 50 ohm impedance while the package
ground leads and exposed paddle should be con-
nected directly to the ground plane similar to that
shown. A sufficient number of via holes should be
used to connect the top and bottom ground planes.
The evaluation board should be mounted to an
appropriate heat sink. The evaluation circuit board
shown is available from Hittite upon request.
List of Materials for Evaluation PCB 117720 [1][3]
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3
Header 2mm, 16 Pin
C1, C2
1000pF Capacitor, 0402 Pkg.
U1
HMC648LP6(E) 6-Bit Digital Phase Shifter
PCB [2]
117718 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
[3] Please refer to part’s pin description and functional diagram for
pin out assignments on evaluation board.
HMC648LP6 / 648LP6E
v03.1109
GaAs MMIC 6-BIT DIGITAL
PHASE SHIFTER, 2.9 - 3.9 GHz


Similar Part No. - HMC648LP6E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC648LP6E HITTITE-HMC648LP6E Datasheet
297Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
More results

Similar Description - HMC648LP6E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC648LP6 HITTITE-HMC648LP6 Datasheet
297Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
logo
Analog Devices
HMC648ALP6E AD-HMC648ALP6E Datasheet
573Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
logo
Hittite Microwave Corpo...
HMC648 HITTITE-HMC648 Datasheet
258Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC648 HITTITE-HMC648_09 Datasheet
197Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.9 - 3.9 GHz
HMC649LP6 HITTITE-HMC649LP6 Datasheet
349Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649LP6 HITTITE-HMC649LP6_08 Datasheet
276Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC649 HITTITE-HMC649_09 Datasheet
221Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Analog Devices
HMC649ALP6E AD-HMC649ALP6E Datasheet
448Kb / 6P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
logo
Hittite Microwave Corpo...
HMC649 HITTITE-HMC649 Datasheet
307Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 3 - 6 GHz
HMC647 HITTITE-HMC647 Datasheet
248Kb / 8P
   GaAs MMIC 6-BIT DIGITAL PHASE SHIFTER, 2.5 - 3.1 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com