Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC652LP2E Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC652LP2E
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC652LP2E Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC652LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC652LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC652LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC652LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
12
12 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC652LP2E to HMC655LP2E
v01.0811
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC652LP2E / HMC653LP2E / HMC654LP2E / HMC655LP2E
Evaluation PCB
List of Materials for Evaluation PCB 119197 [1]
Item
Description
J1 - J2
PCB Mount K Connector
U1
HMC652LP2E through HMC655LP2E
Passive Attenuators
PCB [2]
119194 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
exposed paddle should be connected directly to
the ground plane similar to that shown above. The
evaluation circuit board shown above is available
from Hittite Microwave Corporation upon request.


Similar Part No. - HMC652LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC652 HITTITE-HMC652 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC652 AD-HMC652 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
More results

Similar Description - HMC652LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC650 HITTITE-HMC650 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
   25-45 GHz Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com