Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC655LP2E Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC655LP2E
Description  WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC655LP2E Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC655LP2E Datasheet HTML 1Page - Hittite Microwave Corporation HMC655LP2E Datasheet HTML 2Page - Hittite Microwave Corporation HMC655LP2E Datasheet HTML 3Page - Hittite Microwave Corporation HMC655LP2E Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
12
12 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC652LP2E to HMC655LP2E
WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC652LP2E / HMC653LP2E / HMC654LP2E / HMC655LP2E
v01.0811
General Description
Features
Functional Diagram
4 Attenuator Products:
2, 3, 4 & 6 dB Fixed Attenuation Levels
Wide Bandwidth: DC - 25 GHz
Excellent Attenuation Accuracy
Power Handling: +25 dBm
6 Lead 2x2 mm SMT Package: 4 mm2
Electrical Specifications, T
A = +25° C, 50 Ohm system
Typical Applications
The HMC652LP2E - HMC655LP2E are ideal for:
• Fiber Optics
• Microwave Radio
• Military & Space
• Test & Measurement
• Scientific Instruments
• RF / Microwave Circuit Prototyping
The HMC652LP2E / 653LP2E / 654LP2E / 655LP2E
are a line of wideband fixed value SMT 50 Ohm
matched attenuators which offer attenuation levels
of 2, 3, 4 and 6 dB respectively. These passive
attenuators are ideal for military, test equipment, and
other wideband applications where extremely flat
attenuation, and excellent VSWR vs. frequency are
required.
These wideband attenuators handle up to +25 dBm
of input power, and are compatible with high volume
surface mount manufacturing techniques.
Part Number
Attenuator Value
Return Loss (Typical)
Attenuation Tolerance [1]
Temperature Coefficient (Typicial) [2]
Units
DC - 25
GHz
HMC652LP2E
2 dB
22.0
± 0.5
0.0004
dB
HMC653LP2E
3 dB
23.0
± 0.5
0.0006
dB
HMC654LP2E
4 dB
20.5
± 0.5
0.0006
dB
HMC655LP2E
6 dB
16.5
± 0.5
0.0004
dB
[1] Attenuation Tolerance is valid over temperature.
[2] Temperature Coefficient Units are dB/ °C.


Similar Part No. - HMC655LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC655 HITTITE-HMC655 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC655 AD-HMC655 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
More results

Similar Description - HMC655LP2E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC656LP2E HITTITE-HMC656LP2E_11 Datasheet
239Kb / 4P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC656LP2E HITTITE-HMC656LP2E Datasheet
126Kb / 6P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 25 GHz
HMC650 HITTITE-HMC650 Datasheet
345Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY, DC - 50 GHz
logo
Analog Devices
HMC650 AD-HMC650 Datasheet
476Kb / 8P
   WIDEBAND FIXED ATTENUATOR FAMILY
logo
Qorvo, Inc
TGL4203-SM QORVO-TGL4203-SM Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203-SM TRIQUINT-TGL4203-SM_15 Datasheet
1Mb / 14P
   DC -30 GHz Wideband Analog Attenuator
TGL4203-EPU TRIQUINT-TGL4203-EPU Datasheet
361Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
Qorvo, Inc
TGL4203 QORVO-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
TriQuint Semiconductor
TGL4203 TRIQUINT-TGL4203 Datasheet
456Kb / 10P
   50 GHz Wideband Analog Attenuator
logo
United Monolithic Semic...
CHT4694-99F UMS-CHT4694-99F_15 Datasheet
577Kb / 14P
   25-45 GHz Attenuator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com