Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC669LP3 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC669LP3
Description  GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 1700 - 2200 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC669LP3 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC669LP3 Datasheet HTML 1Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC669LP3 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 1
HMC669LP3 / 669LP3E
GaAs PHEMT MMIC LNA w/
FAILSAFE BYPASS MODE, 1700 - 2200 MHz
v04.0709
General Description
Features
Functional Diagram
The HmC669lp3(e) is a versatile, high dynamic range
GaAs mmiC low Noise Amplifier that integrates a
low loss lNA bypass mode on the iC. The amplifier
is ideal for receivers and lNA modules operating be-
tween 1.7 and 2.2 GHz and provides 1.4 dB noise
figure, 17 dB of gain and +29 dBm ip3 from a single
supply of +5V @ 86mA. input and output return losses
are excellent and no external matching components
are required. A single control line is used to switch
between lNA mode and a low loss bypass mode.
failsafe topology also enables the lNA bidirectional
bypass path when no DC power is available.
Noise figure: 1.4 dB
output ip3: +29 dBm
Gain: 17 dB
failsafe operation:
Bypass is enabled when lNA is unpowered
single supply: +3V or +5V
16 lead 3x3mm QfN package: 9 mm2
Electrical Specifications, T
A = +25° C, Rbias = 15 Ohm
Typical Applications
The HmC669lp3(e) is ideal for:
• Cellular/3G and lTe/wimAX/4G
• BTs & infrastructure
• repeaters and femtocells
• Tower mounted Amplifiers
• Test & measurement equipment
parameter
lNA mode
Bypass mode
failsafe mode
Units
Vdd = +3V
Vdd = +5V
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
min.
Typ.
max.
frequency range
1.7 - 2.2
1.7 - 2.2
1.7 - 2.2
1.7 - 2.2
GHz
Gain
12
15
14
17
-3
-2.1
-3
-2.1
dB
Gain Variation over Temperature
0.015
0.014
0.0008
0.0008
dB / °C
Noise figure
1.4
1.65
1.4
1.65
dB
input return loss
10
11
12
12
dB
output return loss
13
13
12
12
dB
reverse isolation
28
30
-
-
dB
power for 1dB Compression
(p1dB)[1]
11.5
12
21
24
dBm
Third order intercept (ip3)[2]
25
29
25
25
dBm
supply Current (idd)
49
59
86
105
0.04
-
mA
switching speed
lNA mode to Bypass mode
Bypass mode to lNA mode
80
-
ns
ns
100
100
[1] p1dB for lNA mode is referenced to rfoUT while p1dB for Bypass and failsafe modes are referenced to rfiN.
[2] ip3 for lNA mode is referenced to rfoUT while ip3 for Bypass and failsafe modes are referenced to rfiN.


Similar Part No. - HMC669LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC660LC4B HITTITE-HMC660LC4B Datasheet
1Mb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC660LC4B HITTITE-HMC660LC4B_09 Datasheet
768Kb / 22P
   0.02 - 4.5 GHz WIDEBAND, 3 GS/s TRACK-AND-HOLD AMPLIFIER
HMC661LC4B HITTITE-HMC661LC4B Datasheet
1Mb / 14P
   ULTRA-WIDEBAND 4 GS/s TRACK-AND-HOLD AMPLIFIER
HMC662LP3 HITTITE-HMC662LP3 Datasheet
317Kb / 8P
   54 dB, LOGARITHMIC DETECTOR, 8 - 30 GHz
More results

Similar Description - HMC669LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC668LP3 HITTITE-HMC668LP3 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LNA w/ FAILSAFE BYPASS MODE, 700 - 1200 MHz
logo
Analog Devices
HMC373LP3 AD-HMC373LP3 Datasheet
426Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE
logo
Hittite Microwave Corpo...
HMC373LP3 HITTITE-HMC373LP3_06 Datasheet
414Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3 Datasheet
317Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC373LP3 HITTITE-HMC373LP3_10 Datasheet
280Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 700 - 1000 MHz
HMC593LP3 HITTITE-HMC593LP3_09 Datasheet
295Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
HMC604LP3 HITTITE-HMC604LP3_10 Datasheet
1Mb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC604LP3 HITTITE-HMC604LP3 Datasheet
354Kb / 10P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 4.8 - 6.0 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC593LP3 HITTITE-HMC593LP3 Datasheet
335Kb / 8P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 3.3 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com