Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC670LC3C Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC670LC3C
Description  13 Gbps, 1:2 Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC670LC3C Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC670LC3C Datasheet HTML 1Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 2Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 3Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 4Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 5Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 6Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 7Page - Hittite Microwave Corporation HMC670LC3C Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 7
HMC670LC3C
v02.1209
13 Gbps, 1:2 Fanout Buffer
Pin Number
Function
Description
Interface Schematic
1, 4, 5, 8, 9, 12
GND
Signal Grounds
2, 3
D1P.
D1N
Clock / Data Output Port 1
6, 7
DINP, DINN
Clock / Data Inputs
10, 11
D2N
D2P
Clock / Data Output Port 2
13, 16
GND
Supply Ground
14
VR
Output level control. Output level may be adjusted by either
applying a voltage to VR per “Output Differential vs. VR”
plot, or by tying VR to GND with a resistor per the following
equation: V
0
(R) = 1.2 / (2.1 + R), R in kΩ
15, Package
Base
Vee
Negative Supply
[1] Contact HMC for alternate pinouts
Pin Descriptions [1]


Similar Part No. - HMC670LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC671LC3C HITTITE-HMC671LC3C Datasheet
272Kb / 8P
   13 Gbps, XOR / XNOR Gate HMC671LC3C
HMC672LC3C HITTITE-HMC672LC3C Datasheet
284Kb / 8P
   14 Gbps, AND / NAND / OR / NOR Gate
HMC673LC3C HITTITE-HMC673LC3C Datasheet
266Kb / 8P
   13 Gbps, D-Type Flip-Flop
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
   10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
logo
Analog Devices
HMC674LC3C AD-HMC674LC3C Datasheet
330Kb / 14P
   9.3 GHz Latched Comparator
More results

Similar Description - HMC670LC3C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC850LC3 HITTITE-HMC850LC3 Datasheet
763Kb / 8P
   28 Gbps, 1:2 FANOUT BUFFER
HMC-C062 HITTITE-HMC-C062 Datasheet
185Kb / 6P
   50 Gbps, 1:2 FANOUT BUFFER MODULE
HMC744LC3 HITTITE-HMC744LC3 Datasheet
659Kb / 8P
   14 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER
HMC724LC3C HITTITE-HMC724LC3C Datasheet
383Kb / 8P
   14 Gbps FAST RISE TIME 1:2 FANOUT BUFFER
HMC744LC3C HITTITE-HMC744LC3C Datasheet
282Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC744LC3C HITTITE-HMC744LC3C_10 Datasheet
712Kb / 8P
   13 Gbps, FAST RISE TIME 1:2 FANOUT BUFFER w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
logo
Analog Devices
HMC850LC3 AD-HMC850LC3 Datasheet
1Mb / 8P
   28 Gbps, 1:2 FANOUT BUFFER WITH PROGRAMMABLE OUTPUT VOLTAGE
logo
ON Semiconductor
MC10EP11 ONSEMI-MC10EP11 Datasheet
85Kb / 8P
   1:2 Differential Fanout Buffer
November, 2003 ??Rev. 6
logo
Motorola, Inc
MC10EL11 MOTOROLA-MC10EL11 Datasheet
61Kb / 3P
   1:2 DIFFERENTIAL FANOUT BUFFER
logo
Micrel Semiconductor
SY10EL11V MICREL-SY10EL11V_10 Datasheet
247Kb / 8P
   1:2 DIFFERENTIAL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com